Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMTH8008LFG-13 Datasheet (PDF) - Diodes Incorporated

DMTH8008LFG-13 Datasheet PDF - Diodes Incorporated
Part # DMTH8008LFG-13
Download  DMTH8008LFG-13 Download
File Size   471.5 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 80V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET

DMTH8008LFG-13 Datasheet (PDF)

Go To PDF Page Download Datasheet
DMTH8008LFG-13 Datasheet PDF - Diodes Incorporated

Part # DMTH8008LFG-13
Download  DMTH8008LFG-13 Click to download

File Size   471.5 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 80V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET

DMTH8008LFG-13 Datasheet (HTML) - Diodes Incorporated


DMTH8008LFG-13 Product details

Description
This MOSFET is designed to minimize the on-state resistance
(RDS(ON)) yet maintain superior switching performance, making it ideal
for high efficiency power management applications.

Applications
 Backlighting
 Power Management Functions
 DC-DC Converters

Features and Benefits
 Rated to +175°C – Ideal for High Ambient Temperature
Environments
 Low RDS(ON) – Ensures On-State Losses are Minimized
 Excellent Qgd × RDS(ON) Product (FOM)
 Advanced Technology for DC-DC Converters
 Small Form Factor Thermally Efficient Package Enables Higher
Density End Products
 Occupies Just 33% of the Board Area Occupied by SO-8 Enabling
Smaller End Product
 100% Unclamped Inductive Switching (UIS) Test in Production –
Ensures More Reliable and Robust End Application
 Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 For automotive applications requiring specific change control
(i.e.: parts qualified to AEC-Q100/101/200, PPAP capable, and
manufactured in IATF 16949 certified facilities), please refer
to the related automotive grade (Q-suffix) part. A listing can
be found at
https://www.diodes.com/products/automotive/automotiveproducts/.
 This part is qualified to JEDEC standards (as references in
AEC-Q) for High Reliability.
https://www.diodes.com/quality/product-definitions/




Similar Part No. - DMTH8008LFG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH8008LFGQ DIODES-DMTH8008LFGQ Datasheet
467Kb / 7P
80V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
April 2020 Rev. 3 - 2
DMTH8008LFGQ-13 DIODES-DMTH8008LFGQ-13 Datasheet
467Kb / 7P
80V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
April 2020 Rev. 3 - 2
DMTH8008LFGQ-7 DIODES-DMTH8008LFGQ-7 Datasheet
467Kb / 7P
80V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
April 2020 Rev. 3 - 2
More results


Similar Description - DMTH8008LFG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH6016LFDFWQ DIODES-DMTH6016LFDFWQ Datasheet
435Kb / 8P
60V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
January 2021
DMTH45M5LPSW DIODES-DMTH45M5LPSW Datasheet
592Kb / 8P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 3 - 2 August 2022
DMTH45M5SPSW DIODES-DMTH45M5SPSW Datasheet
587Kb / 8P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 2 - 2 August 2022
DMNH45M7SCT DIODES-DMNH45M7SCT Datasheet
475Kb / 6P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
August 2018 Rev. 4 - 2
DMTH10H015SPSQ DIODES-DMTH10H015SPSQ Datasheet
919Kb / 9P
100V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
January 2023 Rev. 3 - 2
DMTH31M7LPSQ DIODES-DMTH31M7LPSQ Datasheet
374Kb / 8P
175°C N-CHANNEL ENHANCEMENT MODE MOSFET
June 2020 Rev. 2 - 2
DMTH8003STLWQ DIODES-DMTH8003STLWQ Datasheet
748Kb / 7P
80V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
July 2022 Rev. 3 - 2
DMTH8008LFGQ DIODES-DMTH8008LFGQ Datasheet
467Kb / 7P
80V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
April 2020 Rev. 3 - 2
DMTH8008SFG DIODES-DMTH8008SFG Datasheet
467Kb / 7P
80V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
June 2020 Rev. 3 - 2
DMTH8008SFGQ DIODES-DMTH8008SFGQ Datasheet
467Kb / 7P
80V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
June 2020 Rev. 2 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com