Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA0033 Datasheet (PDF) - Proto Advantage SMD Adapter

BGA0033 Datasheet PDF - Proto Advantage SMD Adapter
Part # BGA0033
Download  BGA0033 Download
File Size   109.07 Kbytes
Page   1 Pages
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter
Description BGA-144 SMT Adapter (0.5 mm pitch, 12 x 12 grid)

BGA0033 Datasheet (PDF)

Go To PDF Page Download Datasheet
BGA0033 Datasheet PDF - Proto Advantage SMD Adapter

Part # BGA0033
Download  BGA0033 Click to download

File Size   109.07 Kbytes
Page   1 Pages
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter
Description BGA-144 SMT Adapter (0.5 mm pitch, 12 x 12 grid)

BGA0033 Datasheet (HTML) - Proto Advantage SMD Adapter




Similar Part No. - BGA0033

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
BGA0030 PROTOADVANTAGE-BGA0030 Datasheet
93Kb / 1P
BGA-36 to DIP-36 Adapter (0.5 mm pitch, 6 x 6 grid)
revision 1.0
BGA0034 PROTOADVANTAGE-BGA0034 Datasheet
108Kb / 1P
BGA-676 SMT Adapter (1.0 mm pitch, 26 x 26 grid)
revision 1.0
BGA0034-SOCKET PROTOADVANTAGE-BGA0034-SOCKET Datasheet
107Kb / 1P
BGA-676 SMT Adapter (1.0 mm pitch, 26 x 26 grid)
revision 1.0
BGA0035 PROTOADVANTAGE-BGA0035 Datasheet
109Kb / 1P
BGA-196 SMT Adapter (0.5 mm pitch, 14 x 14 grid)
revision 1.0
BGA0036 PROTOADVANTAGE-BGA0036 Datasheet
108Kb / 1P
BGA-169 SMT Adapter (0.75 mm pitch, 13 x 13 grid)
revision 1.0
More results


Similar Description - BGA0033

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LMA1009 LODEV-LMA1009 Datasheet
189Kb / 7P
12 x 12-bit Multiplier-Accumulator
logo
OKI electronic componet...
MSC7171 OKI-MSC7171 Datasheet
81Kb / 7P
12-Bit Grid Driver
logo
GREATECS
TP4 GREATECS-TP4 Datasheet
149Kb / 1P
Standard 12 x 12 mm Tactile Switches
TP5 GREATECS-TP5 Datasheet
128Kb / 1P
12 x 12 mm THT Tactile Switches with Ground Terminal
TP57 GREATECS-TP57 Datasheet
168Kb / 2P
12 x 12 mm Washable Halogen-Free Tactile Switches
logo
Advanced Thermal Soluti...
ATS012012007-PF-2F ATS-ATS012012007-PF-2F Datasheet
407Kb / 1P
12.. x 12.00 x 7.00 mm BGA Heat Sink (High Aspect Ratio Ext,) Custom Pin Fin
Rev - 050413
logo
List of Unclassifed Man...
B3F1020 ETC2-B3F1020 Datasheet
1Mb / 9P
A Wide Range of Models: 6 x 6 mm, 12 x 12 mm, Vertical and High-force.
logo
LDT Co., Ltd
LD1961A LDT-LD1961A Datasheet
321Kb / 23P
12 SEGMENT X 7 GRID LED Driver
LD1970 LDT-LD1970 Datasheet
709Kb / 26P
16 SEGMENT X 12 GRID VFD DRIVER
logo
Thorlabs, Inc.
TPS6 THORLABS-TPS6 Datasheet
123Kb / 1P
24" x 12" (610 mm x 305 mm) LASER SAFETY SCREEN
14/OCT/10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com