Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z30 Datasheet (PDF) - STMicroelectronics

M48Z30 Datasheet PDF - STMicroelectronics
Part # M48Z30
Download  M48Z30 Download
File Size   100.15 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description CMOS 32K x 8 ZEROPOWER SRAM

M48Z30 Datasheet (PDF)

Go To PDF Page Download Datasheet
M48Z30 Datasheet PDF - STMicroelectronics

Part # M48Z30
Download  M48Z30 Click to download

File Size   100.15 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description CMOS 32K x 8 ZEROPOWER SRAM

M48Z30 Datasheet (HTML) - STMicroelectronics


M48Z30 Product details

DESCRIPTION
The M48Z30/30Y 32K x 8 ZEROPOWER® RAM is a non-volatile 262,144 bit Static RAM organizedas 32,768 words by 8 bits. The device combines an internal lithium battery and a full CMOS SRAM in a plastic 28 pin DIP Module. The ZEROPOWER RAM directly replaces industry standard SRAMs. It also fits into many EPROM and EEPROM sockets, providing the nonvolatility of PROMs without any requirement for special write timing or limitations on the number of writes that can be performed.

■ INTEGRATED LOW POWER SRAM, POWER-FAIL CONTROL CIRCUIT and BATTERY
■ CONVENTIONAL SRAM OPERATION; UNLIMITED WRITE CYCLES
■ 10 YEARS of DATA RETENTION in the ABSENCE of POWER
■ PIN and FUNCTION COMPATIBLE with JEDEC STANDARD 32K x 8 SRAMs
■ AUTOMATIC POWER-FAIL CHIP DESELECT and WRITE PROTECTION
■ CHOICE of TWO WRITE PROTECT VOLTAGES:
   – M48Z30: 4.5V ≤ VPFD ≤ 4.75V
   – M48Z30Y: 4.2V ≤ VPFD ≤ 4.50V
■ BATTERY INTERNALLY ISOLATEDUNTIL POWER IS APPLIED




Similar Part No. - M48Z30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z32V STMICROELECTRONICS-M48Z32V Datasheet
329Kb / 16P
3.3V, 256 Kbit 32 Kbit x 8 ZEROPOWER SRAM
Mar-2004
M48Z32V STMICROELECTRONICS-M48Z32V Datasheet
181Kb / 19P
3.3V, 256Kbit (32Kbit x 8) ZEROPOWER SRAM
02-Nov-2007
M48Z32V-35MT1 STMICROELECTRONICS-M48Z32V-35MT1 Datasheet
329Kb / 16P
3.3V, 256 Kbit 32 Kbit x 8 ZEROPOWER SRAM
Mar-2004
M48Z32V-35MT1E STMICROELECTRONICS-M48Z32V-35MT1E Datasheet
329Kb / 16P
3.3V, 256 Kbit 32 Kbit x 8 ZEROPOWER SRAM
Mar-2004
M48Z32V-35MT1E STMICROELECTRONICS-M48Z32V-35MT1E Datasheet
181Kb / 19P
3.3V, 256Kbit (32Kbit x 8) ZEROPOWER SRAM
02-Nov-2007
More results


Similar Description - M48Z30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z09 STMICROELECTRONICS-M48Z09 Datasheet
122Kb / 13P
CMOS 8K x 8 ZEROPOWER SRAM
Nov-1994
logo
AMIC Technology
A625308A AMICC-A625308A Datasheet
141Kb / 14P
32K X 8 BIT CMOS SRAM
logo
Hynix Semiconductor
HY62C256 HYNIX-HY62C256 Datasheet
376Kb / 11P
32K x 8-BIT CMOS SRAM
logo
STMicroelectronics
MK48Z08 STMICROELECTRONICS-MK48Z08 Datasheet
622Kb / 12P
CMOS 8K x 8 ZEROPOWER SRAM
Feb-1991
M48T36 STMICROELECTRONICS-M48T36 Datasheet
138Kb / 17P
CMOS 32K x 8 TIMEKEEPER SRAM
Jul-1995
logo
AMIC Technology
A625308 AMICC-A625308 Datasheet
126Kb / 13P
32K X 8 BIT CMOS SRAM
logo
STMicroelectronics
M48Z02 STMICROELECTRONICS-M48Z02_07 Datasheet
178Kb / 20P
5V, 16Kbit (2Kb x 8) ZEROPOWER SRAM
02-Nov-2007
M48Z32V STMICROELECTRONICS-M48Z32V_07 Datasheet
181Kb / 19P
3.3V, 256Kbit (32Kbit x 8) ZEROPOWER SRAM
02-Nov-2007
M48Z35 STMICROELECTRONICS-M48Z35_07 Datasheet
218Kb / 23P
256Kbit (32Kbit x 8) ZEROPOWER SRAM
02-Nov-2007
logo
AMIC Technology
A625308A AMICC-A625308A_15 Datasheet
155Kb / 14P
32K X 8 BIT CMOS SRAM
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com