Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z09 Datasheet (PDF) - STMicroelectronics

M48Z09 Datasheet PDF - STMicroelectronics
Part # M48Z09
Download  M48Z09 Download
File Size   122.95 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description CMOS 8K x 8 ZEROPOWER SRAM

M48Z09 Datasheet (PDF)

Go To PDF Page Download Datasheet
M48Z09 Datasheet PDF - STMicroelectronics

Part # M48Z09
Download  M48Z09 Click to download

File Size   122.95 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description CMOS 8K x 8 ZEROPOWER SRAM

M48Z09 Datasheet (HTML) - STMicroelectronics


M48Z09 Product details

DESCRIPTION
The M48Z09,19 ZEROPOWER® RAM is an 8K x 8 non-volatile static RAM which is pin and function compatible with the MK48Z09,19.
A special 28 pin 600mil DIP CAPHAT™ package houses the M48Z09,19 silicon with a long life lithium button cell to form a highly integrated battery backed-up memory solution.

■ INTEGRATED ULTRA LOW POWER SRAM, POWER-FAIL CONTROL CIRCUIT and BATTERY
■ UNLIMITED WRITE CYCLES
■ READ CYCLE TIME EQUALS WRITE CYCLE TIME
■ AUTOMATIC POWER-FAIL CHIP DESELECT and WRITE PROTECTION
■ POWER-FAIL INTERRUPT
■ CHOICE of TWO WRITE PROTECT VOLTAGES:
    – M48Z09: 4.5V ≤ VPFD ≤ 4.75V
    – M48Z19: 4.2V ≤ VPFD ≤ 4.5V
■ SELF CONTAINED BATTERY in the CAPHAT DIP PACKAGE
■ 11 YEARS of DATA RETENTION in the ABSENCE of POWER
■ PIN and FUNCTION COMPATIBLE with the MK48Z09, 19 and JEDEC STANDARD 8K x 8 SRAMs




Similar Part No. - M48Z09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z02 STMICROELECTRONICS-M48Z02 Datasheet
85Kb / 12P
16 Kbit 2Kb x 8 ZEROPOWER SRAM
May-1999
M48Z02 STMICROELECTRONICS-M48Z02 Datasheet
231Kb / 16P
5V, 16 Kbit (2Kb x 8) ZEROPOWER SRAM
M48Z02 STMICROELECTRONICS-M48Z02 Datasheet
178Kb / 20P
5V, 16Kbit (2Kb x 8) ZEROPOWER SRAM
02-Nov-2007
M48Z02 STMICROELECTRONICS-M48Z02 Datasheet
335Kb / 21P
5 V, 16 Kbit (2 Kb x 8) ZEROPOWER® SRAM
27-May-2010
M48Z02-150PC1 STMICROELECTRONICS-M48Z02-150PC1 Datasheet
231Kb / 16P
5V, 16 Kbit (2Kb x 8) ZEROPOWER SRAM
More results


Similar Description - M48Z09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z30 STMICROELECTRONICS-M48Z30 Datasheet
100Kb / 12P
CMOS 32K x 8 ZEROPOWER SRAM
Jul-1994
logo
AMIC Technology
A623308 AMICC-A623308 Datasheet
130Kb / 13P
8K X 8 BIT CMOS SRAM
logo
Holtek Semiconductor In...
HT6264 HOLTEK-HT6264 Datasheet
238Kb / 10P
CMOS 8K x 8-Bit SRAM
logo
Alliance Semiconductor ...
AS7C164-12 ALSC-AS7C164-12 Datasheet
224Kb / 8P
5V 8K X 8 CMOS SRAM
logo
UMC Corporation
UM6264 UMC-UM6264 Datasheet
410Kb / 8P
8K x 8 CMOS SRAM
logo
STMicroelectronics
MK48Z08 STMICROELECTRONICS-MK48Z08 Datasheet
622Kb / 12P
CMOS 8K x 8 ZEROPOWER SRAM
Feb-1991
M48T08 STMICROELECTRONICS-M48T08 Datasheet
471Kb / 27P
CMOS 8K x 8 TIMEKEEPER SRAM
Rev 7.0
logo
Rohm
BR6265 ROHM-BR6265 Datasheet
424Kb / 8P
8K X 8 CMOS SRAM
logo
AMIC Technology
A623308A AMICC-A623308A_15 Datasheet
194Kb / 14P
8K X 8 BIT CMOS SRAM
A623308A AMICC-A623308A Datasheet
194Kb / 14P
8K X 8 BIT CMOS SRAM
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com