Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z09 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M48Z09
Description  CMOS 8K x 8 ZEROPOWER SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z09 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M48Z09 Datasheet HTML 3Page - STMicroelectronics M48Z09 Datasheet HTML 4Page - STMicroelectronics M48Z09 Datasheet HTML 5Page - STMicroelectronics M48Z09 Datasheet HTML 6Page - STMicroelectronics M48Z09 Datasheet HTML 7Page - STMicroelectronics M48Z09 Datasheet HTML 8Page - STMicroelectronics M48Z09 Datasheet HTML 9Page - STMicroelectronics M48Z09 Datasheet HTML 10Page - STMicroelectronics M48Z09 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Symbol
Parameter
M48Z09 / 19
Unit
-100
Min
Max
tAVAV
Write Cycle Time
100
ns
tAVWL
Address Valid to Write Enable Low
0
ns
tAVE1L
Address Valid to Chip Enable 1 Low
0
ns
tAVE2H
Address Valid to Chip Enable 2 High
0
ns
tWLWH
Write Enable Pulse Width
80
ns
tE1LE1H
Chip Enable 1 Low to Chip Enable 1 High
80
ns
tE2HE2L
Chip Enable 2 High to Chip Enable 2 Low
80
ns
tWHAX
Write Enable High to Address Transition
10
ns
tE1HAX
Chip Enable 1 High to Address Transition
10
ns
tE2LAX
Chip Enable 2 Low to Address Transition
10
ns
tDVWH
Input Valid to Write Enable High
50
ns
tDVE1H
Input Valid to Chip Enable 1 High
50
ns
tDVE2L
Input Valid to Chip Enable 2 Low
50
ns
tWHDX
Write Enable High to Input Transition
5
ns
tE1HDX
Chip Enable 1 High to Input Transition
5
ns
tE2LDX
Chip Enable 2 Low to Input Transition
5
ns
tWLQZ
(1, 2)
Write Enable Low to Output Hi-Z
50
ns
tAVWH
Address Valid to Write Enable High
80
ns
tAVE1H
Address Valid to Chip Enable 1 High
80
ns
tAVE2L
Address Valid to Chip Enable 2 Low
80
ns
tWHQX
(1, 2)
Write Enable High to Output Transition
10
ns
Notes: 1. CL= 30pF (see Figure 4).
2. If E1 goes low or E2 high simultaneously with W going low, the outputs remain in the high impedance state.
Table 9. Write Mode AC Characteristics (TA = 0 to 70
°C; VCC = 4.75V to 5.5V or 4.5V to 5.5V)
7/13
M48Z09, M48Z19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com