Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z09 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M48Z09
Description  CMOS 8K x 8 ZEROPOWER SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z09 Datasheet(HTML) 3 Page - STMicroelectronics

  M48Z09 Datasheet HTML 1Page - STMicroelectronics M48Z09 Datasheet HTML 2Page - STMicroelectronics M48Z09 Datasheet HTML 3Page - STMicroelectronics M48Z09 Datasheet HTML 4Page - STMicroelectronics M48Z09 Datasheet HTML 5Page - STMicroelectronics M48Z09 Datasheet HTML 6Page - STMicroelectronics M48Z09 Datasheet HTML 7Page - STMicroelectronics M48Z09 Datasheet HTML 8Page - STMicroelectronics M48Z09 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AI01398
5V
OUT
CL = 100pF or 30pF
CL includes JIG capacitance
1.8k
DEVICE
UNDER
TEST
1k
Figure 4. AC Testing Load Circuit
Input Rise and Fall Times
≤ 5ns
Input Pulse Voltages
0 to 3V
Input and Output Timing Ref. Voltages
1.5V
AC MEASUREMENT CONDITIONS
Note that Output Hi-Z is defined as the point where data
is no longer driven.
AI01397
LITHIUM
CELL
VPFD
VCC
VSS
VOLTAGE SENSE
AND
SWITCHING
CIRCUITRY
8K x 8
SRAM ARRAY
A0-A12
DQ0-DQ7
E1
W
G
POWER
E2
INT
Figure 3. Block Diagram
READ MODE
The M48Z09,19 is in the Read Mode whenever W
(Write Enable) is high, E1 (Chip Enable 1) is low,
and E2 (Chip Enable 2) is high. The device archi-
tecture allows ripple- through access of data from
eight of 65,536 locations in the static storage array.
Thus, the unique address specified by the 13 Ad-
dress Inputs defines which one of the 8,192 bytes
of data is to be accessed. Valid data will be avail-
able at the Data I/O pins within tAVQV (Address
Access Time) after the last address input signal is
stable, providing that the E1, E2, and G access
times are also satisfied. If the E1, E2 and G access
times are not met, valid data will be available after
the latter of the Chip Enable Access Times (tE1LQV
or tE2HQV) or Output Enable Access Time (tGLQV).
The state of the eight three-state Data I/O signals
is controlled by E1, E2 and G. If the outputs are
activated before tAVQV, the data lines will be driven
to an indeterminate state until tAVQV. If the Address
Inputs are changed while E1, E2 and G remain
active, output data will remain valid for tAXQX (Out-
put Data Hold Time) but will go indeterminate until
the next Address Access.
3/13
M48Z09, M48Z19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com