Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z09 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48Z09
Description  CMOS 8K x 8 ZEROPOWER SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z09 Datasheet(HTML) 1 Page - STMicroelectronics

  M48Z09 Datasheet HTML 1Page - STMicroelectronics M48Z09 Datasheet HTML 2Page - STMicroelectronics M48Z09 Datasheet HTML 3Page - STMicroelectronics M48Z09 Datasheet HTML 4Page - STMicroelectronics M48Z09 Datasheet HTML 5Page - STMicroelectronics M48Z09 Datasheet HTML 6Page - STMicroelectronics M48Z09 Datasheet HTML 7Page - STMicroelectronics M48Z09 Datasheet HTML 8Page - STMicroelectronics M48Z09 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AI01184
13
A0-A12
W
DQ0-DQ7
VCC
M48Z09
M48Z19
G
E2
VSS
8
E1
INT
Figure 1. Logic Diagram
M48Z09
M48Z19
CMOS 8K x 8 ZEROPOWER SRAM
INTEGRATED ULTRA LOW POWER SRAM,
POWER-FAIL CONTROL CIRCUIT and
BATTERY
UNLIMITED WRITE CYCLES
READ CYCLE TIME EQUALS WRITE CYCLE
TIME
AUTOMATIC POWER-FAIL CHIP DESELECT and
WRITE PROTECTION
POWER-FAIL INTERRUPT
CHOICE of TWO WRITE PROTECT
VOLTAGES:
– M48Z09: 4.5V
≤ VPFD ≤ 4.75V
– M48Z19: 4.2V
≤ VPFD ≤ 4.5V
SELF CONTAINED BATTERY in the CAPHAT
DIP PACKAGE
11 YEARS of DATA RETENTION in the
ABSENCE of POWER
PIN and FUNCTION COMPATIBLE with the
MK48Z09, 19 and JEDEC STANDARD 8K x 8
SRAMs
DESCRIPTION
The M48Z09,19 ZEROPOWER® RAM is an 8K x 8
non-volatile static RAM which is pin and function
compatible with the MK48Z09,19.
A special 28 pin 600mil DIP CAPHAT
™ package
houses the M48Z09,19 silicon with a long life lith-
ium button cell to form a highly integrated battery
backed-up memory solution.
A0-A12
Address Inputs
DQ0-DQ7
Data Inputs / Outputs
INT
Power Fail Interrupt
E1
Chip Enable 1
E2
Chip Enable 2
G
Output Enable
W
Write Enable
VCC
Supply Voltage
VSS
Ground
Table 1. Signal Names
28
1
PCDIP28 (PC)
Battery CAPHAT
November 1994
1/13


Similar Part No. - M48Z09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z02 STMICROELECTRONICS-M48Z02 Datasheet
85Kb / 12P
16 Kbit 2Kb x 8 ZEROPOWER SRAM
May-1999
M48Z02 STMICROELECTRONICS-M48Z02 Datasheet
231Kb / 16P
5V, 16 Kbit (2Kb x 8) ZEROPOWER SRAM
M48Z02 STMICROELECTRONICS-M48Z02 Datasheet
178Kb / 20P
5V, 16Kbit (2Kb x 8) ZEROPOWER SRAM
02-Nov-2007
M48Z02 STMICROELECTRONICS-M48Z02 Datasheet
335Kb / 21P
5 V, 16 Kbit (2 Kb x 8) ZEROPOWER® SRAM
27-May-2010
M48Z02-150PC1 STMICROELECTRONICS-M48Z02-150PC1 Datasheet
231Kb / 16P
5V, 16 Kbit (2Kb x 8) ZEROPOWER SRAM
More results

Similar Description - M48Z09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z30 STMICROELECTRONICS-M48Z30 Datasheet
100Kb / 12P
CMOS 32K x 8 ZEROPOWER SRAM
Jul-1994
logo
AMIC Technology
A623308 AMICC-A623308 Datasheet
130Kb / 13P
8K X 8 BIT CMOS SRAM
logo
Holtek Semiconductor In...
HT6264 HOLTEK-HT6264 Datasheet
238Kb / 10P
CMOS 8K x 8-Bit SRAM
logo
Alliance Semiconductor ...
AS7C164-12 ALSC-AS7C164-12 Datasheet
224Kb / 8P
5V 8K X 8 CMOS SRAM
logo
UMC Corporation
UM6264 UMC-UM6264 Datasheet
410Kb / 8P
8K x 8 CMOS SRAM
logo
STMicroelectronics
MK48Z08 STMICROELECTRONICS-MK48Z08 Datasheet
622Kb / 12P
CMOS 8K x 8 ZEROPOWER SRAM
Feb-1991
M48T08 STMICROELECTRONICS-M48T08 Datasheet
471Kb / 27P
CMOS 8K x 8 TIMEKEEPER SRAM
Rev 7.0
logo
Rohm
BR6265 ROHM-BR6265 Datasheet
424Kb / 8P
8K X 8 CMOS SRAM
logo
AMIC Technology
A623308A AMICC-A623308A_15 Datasheet
194Kb / 14P
8K X 8 BIT CMOS SRAM
A623308A AMICC-A623308A Datasheet
194Kb / 14P
8K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com