Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z09 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M48Z09
Description  CMOS 8K x 8 ZEROPOWER SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z09 Datasheet(HTML) 4 Page - STMicroelectronics

  M48Z09 Datasheet HTML 1Page - STMicroelectronics M48Z09 Datasheet HTML 2Page - STMicroelectronics M48Z09 Datasheet HTML 3Page - STMicroelectronics M48Z09 Datasheet HTML 4Page - STMicroelectronics M48Z09 Datasheet HTML 5Page - STMicroelectronics M48Z09 Datasheet HTML 6Page - STMicroelectronics M48Z09 Datasheet HTML 7Page - STMicroelectronics M48Z09 Datasheet HTML 8Page - STMicroelectronics M48Z09 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
±1
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC
±5
µA
ICC
Supply Current
Outputs open
80
mA
ICC1
Supply Current (Standby) TTL
E1 = VIH, E2 = VIL
3mA
ICC2
Supply Current (Standby) CMOS
E1 = VCC – 0.2V,
E2 = VSS + 0.2V
3mA
VIL
Input Low Voltage
–0.3
0.8
V
VIH
Input High Voltage
2.2
VCC + 0.3
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
V
Output Low Voltage (INT)
(1)
IOL = 0.5mA
0.4
V
VOH
Output High Voltage
IOH = –1mA
2.4
V
Note: 1. The INT pin is Open Drain.
Table 5. DC Characteristics (TA = 0 to 70
°C; VCC = 4.75V to 5.5V or 4.5V to 5.5V)
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN = 0V
10
pF
CIO
(2)
Input / Output Capacitance
VOUT = 0V
10
pF
Notes: 1. Effective capacitance calculated from the equation C = I
∆t/∆V with ∆V = 3V and power supply at 5V.
2. Outputs deselected
Table 4. Capacitance (1) (TA = 25
°C)
Symbol
Parameter
Min
Typ
Max
Unit
VPFD
Power-fail Deselect Voltage (M48Z09)
4.5
4.6
4.75
V
VPFD
Power-fail Deselect Voltage (M48Z19)
4.2
4.3
4.5
V
VSO
Battery Back-up Switchover Voltage
3.0
V
tDR
Expected Data Retention Time
11
YEARS
Note: 1. All voltages referenced to VSS.
Table 6. Power Down/Up Trip Points DC Characteristics (1) (TA = 0 to 70
°C)
4/13
M48Z09, M48Z19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com