Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8P34S1102 Datasheet (PDF) - Renesas Technology Corp

8P34S1102 Datasheet PDF - Renesas Technology Corp
Part # 8P34S1102
Download  8P34S1102 Download
File Size   1393.7 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1:2 LVDS 1.8V / 2.5V Fanout Buffer for 1PPS and High-Speed Clocks

8P34S1102 Datasheet (PDF)

Go To PDF Page Download Datasheet
8P34S1102 Datasheet PDF - Renesas Technology Corp

Part # 8P34S1102
Download  8P34S1102 Click to download

File Size   1393.7 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1:2 LVDS 1.8V / 2.5V Fanout Buffer for 1PPS and High-Speed Clocks

8P34S1102 Datasheet (HTML) - Renesas Technology Corp


8P34S1102 Product details

▪ Two low skew, low additive jitter LVDS output pairs
▪ One differential clock input pair
▪ Differential CLK, nCLK pairs can accept the following
differential input levels: LVDS, CML
▪ Maximum input clock frequency: 51.2GHz
▪ Output skew: 3ps (typical)
▪ Propagation delay: 400ps (maximum)
▪ Low additive phase jitter, RMS; fREF = 156.25MHz,
10kHz–20MHz: 34fs (typical)
▪ Device current consumption (IDD):
• 40mA typical: 1.8V
• 50mA typical: 2.5V
▪ Full 1.8V or 2.5V supply voltage
▪ Lead-free (RoHS 6), 16-Lead VFQFN package
▪ -40°C to 85°C ambient operating temperature
▪ Supports case temperature up to +105°C
▪ Supports PCI Express Gen 1-5




Similar Part No. - 8P34S1102

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8P34S1102 RENESAS-8P34S1102 Datasheet
1Mb / 18P
1:2 LVDS 1.8V / 2.5V Fanout Buffer for 1PPS and High-Speed Clocks
June 3, 2022
logo
Integrated Device Techn...
8P34S1102I IDT-8P34S1102I Datasheet
348Kb / 16P
1:2 LVDS Output 1.8V Fanout Buffer
8P34S1102I IDT-8P34S1102I_17 Datasheet
348Kb / 16P
1:2 LVDS Output 1.8V Fanout Buffer
8P34S1102NLGI IDT-8P34S1102NLGI Datasheet
348Kb / 16P
1:2 LVDS Output 1.8V Fanout Buffer
logo
Renesas Technology Corp
8P34S1102NLGI RENESAS-8P34S1102NLGI Datasheet
1Mb / 18P
1:2 LVDS 1.8V / 2.5V Fanout Buffer for 1PPS and High-Speed Clocks
June 3, 2022
More results


Similar Description - 8P34S1102

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8P34S1102I IDT-8P34S1102I_17 Datasheet
348Kb / 16P
1:2 LVDS Output 1.8V Fanout Buffer
8P34S2106 IDT-8P34S2106_17 Datasheet
577Kb / 25P
Dual 1:6 LVDS Output 1.8V / 2.5V Fanout Buffer
IDT8P34S1102I IDT-IDT8P34S1102I_17 Datasheet
348Kb / 16P
1:2 LVDS Output 1.8V Fanout Buffer
logo
Renesas Technology Corp
8P34S1102 RENESAS-8P34S1102 Datasheet
1Mb / 18P
1:2 LVDS 1.8V / 2.5V Fanout Buffer for 1PPS and High-Speed Clocks
June 3, 2022
8P34S1204 RENESAS-8P34S1204 Datasheet
1Mb / 19P
2:4 LVDS 1.8V / 2.5V Fanout Buffer for 1PPS and High-Speed Clocks
June 14, 2022
8P34S1208 RENESAS-8P34S1208 Datasheet
1Mb / 18P
2:8 LVDS 1.8V / 2.5V Fanout Buffer for 1PPS and High-Speed Clocks
June 13, 2022
8P34S1212 RENESAS-8P34S1212 Datasheet
1Mb / 18P
2:12 LVDS 1.8V / 2.5V Fanout Buffer for 1PPS and High-Speed Clocks
June 14, 2022
8P34S2102 RENESAS-8P34S2102 Datasheet
1Mb / 19P
Dual 1:2 LVDS Output 1.8V / 2.5V Fanout Buffer
March 20, 2023
8P34S2106 RENESAS-8P34S2106 Datasheet
1Mb / 26P
Dual 1:6 LVDS Output 1.8V / 2.5V Fanout Buffer
March 20, 2023
8P34S2106A RENESAS-8P34S2106A Datasheet
1Mb / 21P
Dual 1:6 LVDS Output 1.8V / 2.5V Fanout Buffer
Mar 21, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com