Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STVVE3LS1X Datasheet (PDF) - ABB

STVVE3LS1X Datasheet PDF - ABB
Part # STVVE3LS1X
Download  STVVE3LS1X Download
File Size   255.09 Kbytes
Page   2 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description LED 2W M3 NAVI COMPACT WHT SLFTST

STVVE3LS1X Datasheet (PDF)

Go To PDF Page Download Datasheet
STVVE3LS1X Datasheet PDF - ABB

Part # STVVE3LS1X
Download  STVVE3LS1X Click to download

File Size   255.09 Kbytes
Page   2 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description LED 2W M3 NAVI COMPACT WHT SLFTST

STVVE3LS1X Datasheet (HTML) - ABB


STVVE3LS1X Product details

Extended Product Type STVVE3LS1X
Product ID 7TCA091160R0570
EAN 5415022465938
Catalog Description LED 2W M3 NAVI COMPACT WHT SLFTST
Long Description Navigator Compact Exit Sign, M3, 220-240 AC 50/60Hz, LED Strip 2W, Automatic Self Test, Environment
Temperature 0-30 Degrees Celsius, White
General Information




Similar Part No. - STVVE3LS1X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STVVGLNA STMICROELECTRONICS-STVVGLNA Datasheet
79Kb / 4P
General-purpose, variable-gain, low-noise, RF amplifier for broadcast receiver applications
01-Jun-2011
More results


Similar Description - STVVE3LS1X

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
G200 MPD-G200 Datasheet
75Kb / 2P
Compact MiniDIP, 2W Single & Dual Output DC/DC Converters
G200E MPD-G200E Datasheet
199Kb / 2P
Low Cost, 2W Compact MiniDIP DC/DC Converters
G200I MPD-G200I Datasheet
77Kb / 2P
Compact MiniDIP, 2W High Isolation DC/DC Converters
G200RW MPD-G200RW Datasheet
164Kb / 2P
Compact MiniDIP, 2W Wide Input Range DC/DC Converters
logo
E-SWITCH
B040501 E-SWITCH-B040501 Datasheet
15Kb / 1P
320.05 CAP WHT (COMP)
logo
Hamamatsu Corporation
L12336 HAMAMATSU-L12336_15 Datasheet
555Kb / 4P
COMPACT 2W XENON FLASH LAMP MODULES
logo
MicroPower Direct, LLC
MHI200GRI8 MPD-MHI200GRI8 Datasheet
484Kb / 2P
Compact, 2W MiniDIP Ultra-High Isolation DC/DC Converters
MG200MRRI4 MPD-MG200MRRI4 Datasheet
235Kb / 2P
Medical Approved Compact MiniDIP, 2W DC/DC Converters
ML200MRRI4 MPD-ML200MRRI4 Datasheet
731Kb / 2P
Medical Approved Compact SMT, 2W DC/DC Converters
logo
Vishay Siliconix
VS-60CTQ035-M3 VISHAY-VS-60CTQ035-M3 Datasheet
164Kb / 7P
High Performance Schottky Rectifier, 2 x 30 A
17-Aug-17
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com