Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STVVE3LS1X Datasheet(PDF) 1 Page - ABB

Part # STVVE3LS1X
Description  LED 2W M3 NAVI COMPACT WHT SLFTST
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

STVVE3LS1X Datasheet(HTML) 1 Page - ABB

  STVVE3LS1X Datasheet HTML 1Page - ABB STVVE3LS1X Datasheet HTML 2Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LED 2W M3 NAVI COMPACT WHT SLFTST
STVVE3LS1X
Extended Product Type
STVVE3LS1X
Product ID
7TCA091160R0570
EAN
5415022465938
Catalog Description
LED 2W M3 NAVI COMPACT WHT SLFTST
Long Description
Navigator Compact Exit Sign, M3, 220-240 AC 50/60Hz, LED Strip 2W, Automatic Self Test, Environment
Temperature 0-30 Degrees Celsius, White
—
General Information
5415022465938
EAN
1 piece
Minimum Order Quantity
9405608000
Customs Tariff Number
Ordering
—
2.014 kg
Product Net Weight
Dimensions
—
30785991447263
Package Level 1 EAN
1 piece
Package Level 2 Units
184.912 mm
Package Level 2 Width
80.01 mm
Package Level 2 Height
409.956 mm
Package Level 2 Depth / Length
Container Information
—
STANDARD EMERGENCY LIGHTING
Product Main Type
LIGHTING
Product Name
075114363464
UPC
Additional Information
—
STVVE3LS1X
Data Sheet, Technical Information
STVVE3LS1X
Instructions and Manuals
Certificates and Declarations (Document Number)
—


Similar Part No. - STVVE3LS1X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STVVGLNA STMICROELECTRONICS-STVVGLNA Datasheet
79Kb / 4P
General-purpose, variable-gain, low-noise, RF amplifier for broadcast receiver applications
01-Jun-2011
More results

Similar Description - STVVE3LS1X

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
G200 MPD-G200 Datasheet
75Kb / 2P
Compact MiniDIP, 2W Single & Dual Output DC/DC Converters
G200E MPD-G200E Datasheet
199Kb / 2P
Low Cost, 2W Compact MiniDIP DC/DC Converters
G200I MPD-G200I Datasheet
77Kb / 2P
Compact MiniDIP, 2W High Isolation DC/DC Converters
G200RW MPD-G200RW Datasheet
164Kb / 2P
Compact MiniDIP, 2W Wide Input Range DC/DC Converters
logo
E-SWITCH
B040501 E-SWITCH-B040501 Datasheet
15Kb / 1P
320.05 CAP WHT (COMP)
logo
Hamamatsu Corporation
L12336 HAMAMATSU-L12336_15 Datasheet
555Kb / 4P
COMPACT 2W XENON FLASH LAMP MODULES
logo
MicroPower Direct, LLC
MHI200GRI8 MPD-MHI200GRI8 Datasheet
484Kb / 2P
Compact, 2W MiniDIP Ultra-High Isolation DC/DC Converters
MG200MRRI4 MPD-MG200MRRI4 Datasheet
235Kb / 2P
Medical Approved Compact MiniDIP, 2W DC/DC Converters
ML200MRRI4 MPD-ML200MRRI4 Datasheet
731Kb / 2P
Medical Approved Compact SMT, 2W DC/DC Converters
logo
Vishay Siliconix
VS-60CTQ035-M3 VISHAY-VS-60CTQ035-M3 Datasheet
164Kb / 7P
High Performance Schottky Rectifier, 2 x 30 A
17-Aug-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com