Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8SLVD1204 Datasheet (PDF) - Renesas Technology Corp

8SLVD1204 Datasheet PDF - Renesas Technology Corp
Part # 8SLVD1204
Download  8SLVD1204 Download
File Size   854.41 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2:4, LVDS Output Fanout Buffer

8SLVD1204 Datasheet (PDF)

Go To PDF Page Download Datasheet
8SLVD1204 Datasheet PDF - Renesas Technology Corp

Part # 8SLVD1204
Download  8SLVD1204 Click to download

File Size   854.41 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2:4, LVDS Output Fanout Buffer

8SLVD1204 Datasheet (HTML) - Renesas Technology Corp


8SLVD1204 Product details

• Four low skew, low additive jitter LVDS output pairs
• Two selectable differential clock input pairs
• Differential PCLKx, nPCLKx pairs can accept the following
differential input levels: LVDS, LVPECL
• Maximum input clock frequency: 2GHz
• LVCMOS/LVTTL interface levels for the control input select pin
• Output skew: 20ps (maximum)
• Propagation delay: 310ps (maximum)
• Low additive phase jitter, RMS; fREF = 156.25MHz, VPP = 1V,
10kHz - 20MHz: 100fs (maximum)
• Full 3.3V supply voltage
• Lead-free (RoHS 6), 16-Lead VFQFPN packaging
• -40°C to 85°C ambient operating temperature




Similar Part No. - 8SLVD1204

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8SLVD1204 RENESAS-8SLVD1204 Datasheet
777Kb / 19P
2:4, LVDS Output Fanout Buffer, 2.5V
May 11, 2021
8SLVD1204 RENESAS-8SLVD1204 Datasheet
770Kb / 18P
2:4, LVDS Output Fanout Buffer, 2.5V
May 11, 2021
logo
Integrated Device Techn...
8SLVD1204-33 IDT-8SLVD1204-33 Datasheet
377Kb / 18P
Two selectable differential clock input pairs
8SLVD1204-33 IDT-8SLVD1204-33 Datasheet
391Kb / 18P
2:4, LVDS Output Fanout Buffer
logo
Renesas Technology Corp
8SLVD1204-33 RENESAS-8SLVD1204-33 Datasheet
861Kb / 19P
2:4, LVDS Output Fanout Buffer
April 7, 2022
More results


Similar Description - 8SLVD1204

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8SLVD2102 IDT-8SLVD2102 Datasheet
357Kb / 18P
Dual 1:2, LVDS Output Fanout Buffer
8SLVD2104 IDT-8SLVD2104 Datasheet
436Kb / 16P
Dual 1:4, LVDS Output Fanout Buffer
8P34S1102I IDT-8P34S1102I_17 Datasheet
348Kb / 16P
1:2 LVDS Output 1.8V Fanout Buffer
8SLVD1204-33 IDT-8SLVD1204-33_18 Datasheet
391Kb / 18P
2:4, LVDS Output Fanout Buffer
8SLVD2102 IDT-8SLVD2102_18 Datasheet
386Kb / 18P
Dual 1:2, LVDS Output Fanout Buffer
IDT8SLVD1204I IDT-IDT8SLVD1204I_18 Datasheet
374Kb / 18P
2:4 LVDS Output Fanout Buffer
IDT8P34S1102I IDT-IDT8P34S1102I_17 Datasheet
348Kb / 16P
1:2 LVDS Output 1.8V Fanout Buffer
logo
Renesas Technology Corp
8SLVD1204-33 RENESAS-8SLVD1204-33 Datasheet
861Kb / 19P
2:4, LVDS Output Fanout Buffer
April 7, 2022
8SLVD1204 RENESAS-8SLVD1204 Datasheet
777Kb / 19P
2:4, LVDS Output Fanout Buffer, 2.5V
May 11, 2021
8SLVD2102 RENESAS-8SLVD2102 Datasheet
645Kb / 19P
Dual 1:2, LVDS Output Fanout Buffer
January 21, 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com