Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD2CANFD24W-Q1 Datasheet (PDF) - Texas Instruments

ESD2CANFD24W-Q1 Datasheet PDF - Texas Instruments
Part # ESD2CANFD24W-Q1
Download  ESD2CANFD24W-Q1 Download
File Size   886.12 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ESD2CANFD24W-Q1 24V, 2-Channel ESD Protection Diode in DFN1110 Industry Standard Package for In-Vehicle Networks

ESD2CANFD24W-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD2CANFD24W-Q1 Datasheet PDF - Texas Instruments

Part # ESD2CANFD24W-Q1
Download  ESD2CANFD24W-Q1 Click to download

File Size   886.12 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ESD2CANFD24W-Q1 24V, 2-Channel ESD Protection Diode in DFN1110 Industry Standard Package for In-Vehicle Networks

ESD2CANFD24W-Q1 Datasheet (HTML) - Texas Instruments


ESD2CANFD24W-Q1 Product details

1 Features
• IEC 61000-4-2 level 4 ESD protection:
– ±23kV contact discharge
– ±23kV air-gap discharge
• ISO 10605 (330 pF, 330 Ω) ESD protection:
– ±18kV contact discharge
– ±18kV air-gap discharge
• Tested in compliance to IEC 61000-4-5
• 24V working voltage
• Bidirectional ESD protection
• 2-channel device provides complete ESD protection with single component
• Low clamping voltage protects downstream components
• AEC-Q101 qualified
• I/O capacitance = 2pF (typical)
• DFN1110 (DXA) small, standard, common footprint

2 Applications
• Automotive in-vehicle networks:
– Controller area network (CAN)
– Controlled area network flexible data-rate (CAN-FD)
– Low, fault tolerant CAN
– High-speed CAN
• Industrial control networks:
– DeviceNet IEC 62026-3
– CANopen – CiA 301/302-2 and EN 50325-4

3 Description
ESD2CANFD24W-Q1 is a bidirectional ESD protection diode for Controller Area Network (CAN) interface protection. ESD2CANFD24W-Q1 is rated to dissipate contact ESD strikes specified in the ISO 10605 automotive standard. The low dynamic resistance and low clamping voltage enables system level protection against transient events. This protection is key as automotive systems require a high level of robustness and reliability for safety applications.
This device features a low IO capacitance per channel and a pin-out to suit two automotive CAN bus lines (CANH and CANL) from the damage caused by ElectroStatic Discharge (ESD) and other transients. Additionally, the 2pF (typical) line capacitance of ESD2CANFD24W-Q1 is designed for CAN, CANFD, CAN SiC, and CAN-XL applications that can support data rates up to 10Mbps.




Similar Part No. - ESD2CANFD24W-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ESD2CANFD24 TI-ESD2CANFD24 Datasheet
1Mb / 14P
ESD2CANFD24 24-V, 2-Channel ESD Protection Diode for In-Vehicle Networks
NOVEMBER 2022
ESD2CANFD24-Q1 TI-ESD2CANFD24-Q1 Datasheet
1Mb / 25P
ESD2CANxx24-Q1 Automotive 24-V, 2-Channel ESD Protection Diode for In-Vehicle Networks
REVISED SEPTEMBER 2022
ESD2CANFD24-Q1 TI-ESD2CANFD24-Q1 Datasheet
2Mb / 28P
ESD2CANxx24-Q1 Automotive 24-V, 2-Channel ESD Protection Diode for In-Vehicle Networks
REVISED NOVEMBER 2022
ESD2CANFD24DBZR TI-ESD2CANFD24DBZR Datasheet
1Mb / 14P
ESD2CANFD24 24-V, 2-Channel ESD Protection Diode for In-Vehicle Networks
NOVEMBER 2022
ESD2CANFD24DBZRQ1 TI-ESD2CANFD24DBZRQ1 Datasheet
2Mb / 28P
ESD2CANxx24-Q1 Automotive 24-V, 2-Channel ESD Protection Diode for In-Vehicle Networks
REVISED NOVEMBER 2022
More results


Similar Description - ESD2CANFD24W-Q1

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PESD24V PROTEC-PESD24V Datasheet
463Kb / 7P
ESD PROTECTION FOR IN-VEHICLE NETWORKS
PESD27V PROTEC-PESD27V Datasheet
475Kb / 7P
ESD PROTECTION FOR IN-VEHICLE NETWORKS
logo
Texas Instruments
ESD2CAN24-Q1 TI-ESD2CAN24-Q1 Datasheet
1Mb / 22P
ESD2CAN24-Q1 Automotive 24-V, 2-Channel ESD Protection Diode for In-Vehicle Networks
JUNE 2022
ESD2CAN24-Q1 TI-ESD2CAN24-Q1_V01 Datasheet
1Mb / 25P
ESD2CANxx24-Q1 Automotive 24-V, 2-Channel ESD Protection Diode for In-Vehicle Networks
REVISED SEPTEMBER 2022
ESD2CAN24-Q1 TI-ESD2CAN24-Q1_V02 Datasheet
2Mb / 28P
ESD2CANxx24-Q1 Automotive 24-V, 2-Channel ESD Protection Diode for In-Vehicle Networks
REVISED NOVEMBER 2022
logo
Nexperia B.V. All right...
PESD2CANFD24VQB-Q NEXPERIA-PESD2CANFD24VQB-Q Datasheet
297Kb / 12P
ESD protection for in-vehicle networks
3 August 2022
PESD2CANFD24VU-Q NEXPERIA-PESD2CANFD24VU-Q Datasheet
287Kb / 12P
ESD protection for in-vehicle networks
7 September 2022
PESD2CANFD36VU-Q NEXPERIA-PESD2CANFD36VU-Q Datasheet
217Kb / 11P
ESD protection for in-vehicle networks
15 September 2022
PESD1IVN24-LS NEXPERIA-PESD1IVN24-LS Datasheet
234Kb / 11P
ESD protection for In-vehicle networks
9 April 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com