Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PISOS510DFGTSP Datasheet (PDF) - Texas Instruments

PISOS510DFGTSP Datasheet PDF - Texas Instruments
Part # PISOS510DFGTSP
Download  PISOS510DFGTSP Download
File Size   1210.61 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISOS510-SP Radiation Hardened, Current-Driven Analog Isolator With Transistor Output

PISOS510DFGTSP Datasheet (PDF)

Go To PDF Page Download Datasheet
PISOS510DFGTSP Datasheet PDF - Texas Instruments

Part # PISOS510DFGTSP
Download  PISOS510DFGTSP Click to download

File Size   1210.61 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISOS510-SP Radiation Hardened, Current-Driven Analog Isolator With Transistor Output

PISOS510DFGTSP Datasheet (HTML) - Texas Instruments


PISOS510DFGTSP Product details

1 Features
• Radiation Performance
– Total Ionizing Dose (TID) characterized up to 100krad(Si)
– TID RLAT/RHA up to 100krad(Si)
– Single-Event Latch-up (SEL) Immune to LET up to 75MeV-cm2/mg at 125℃
– Single-event transient (SET) characterized LET up to 75MeV-cm2/mg
• SMD# 5962R2620601PXE
• QML Class P
– Meets NASA ASTM E595 Outgassing Spec
– Military Temp Range (-55℃ to 125℃)
• 1-channel diode input
• Current transfer ratio (CTR) at IF = 5mA, VCE = 5V: 95% to 164%
• High collector-emitter voltage: VCE (max) = 30V
• Robust SiO2 isolation barrier
– Isolation rating: 3750VRMS
– Working voltage: 500VRMS, 707VPK
– Surge capability: up to 10kV
• Response time: 3μs (typical) at VCE = 10V, IC = 2mA, RL = 100Ω
• Small 4-pin package (DFG)

2 Applications
• Satellite electrical power systems (EPS)
• Communications Payload
• Radar Imaging Payload

3 Description
The ISOS510-SP radiation-hardened device is a single-channel, current-driven, analog isolator with transistor output. The device offers significant reliability and performance advantages compared to other current-driven analog isolators, including high bandwidth, low turn-off delay, low power consumption, wider temperature ranges, flat current transfer ratio (CTR), and tight process controls resulting in small part-to-part skew. These performance advantages stay stable across radiation, temperature, and lifetime.
ISOS510-SP is offered in small a SOIC-4 package with 2.54mm pin pitch, supporting a 3.75kVRMS isolation rating . The high performance and reliability of ISOS510-SP enables these devices to be used in aerospace and defense applications such as feedback loops in isolated DC/DC modules, satellite propulsion power processing units, spacecraft battery management systems, and more.




Similar Part No. - PISOS510DFGTSP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PISO224BDWV TI1-PISO224BDWV Datasheet
568Kb / 25P
Reinforced Isolated Amplifier With Single-Ended Input of 짹12 V and Differential Output of 짹4 V
PISOTMP35BDFQR TI-PISOTMP35BDFQR Datasheet
1Mb / 28P
ISOTMP35 ±1.2°C, 3-kVRMS Isolated Temperature Sensor with Analog Output with < 2 Seconds Response Time and 500 VRMS Working Voltage
OCTOBER 2023
PISOTMP35BDFQRQ1 TI-PISOTMP35BDFQRQ1 Datasheet
1Mb / 28P
ISOTMP35-Q1 Automotive ±1.5°C, 3-kVRMS Isolated Temperature Sensor with Analog Output with < 2 Seconds Response Time and 500 VRMS Working Voltage
OCTOBER 2023
PISOTMP35BEDFQRQ1 TI-PISOTMP35BEDFQRQ1 Datasheet
1Mb / 28P
ISOTMP35-Q1 Automotive ±1.5°C, 3-kVRMS Isolated Temperature Sensor with Analog Output with < 2 Seconds Response Time and 500 VRMS Working Voltage
OCTOBER 2023
PISOTMP35BEDFQRQ1 TI1-PISOTMP35BEDFQRQ1 Datasheet
1Mb / 26P
ISOTMP35-Q1 Automotive ±1.5°C, 3-kVRMS Isolated Temperature Sensor With Analog Output With < 2 Seconds Response Time and 500VRMS Working Voltage
JUNE 2024
More results


Similar Description - PISOS510DFGTSP

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT8505 AEROFLEX-ACT8505 Datasheet
88Kb / 11P
ACT8505 Radiation Hardened 64-Channel Analog Multiplexer Module With MUX Output Monitor Function
logo
Intersil Corporation
HS-302RH INTERSIL-HS-302RH Datasheet
104Kb / 16P
Radiation Hardened CMOS Analog Switches
September 1995
HS-303RH-T INTERSIL-HS-303RH-T_01 Datasheet
490Kb / 2P
Radiation Hardened CMOS Dual SPDT Analog Switch
November 2001
logo
Texas Instruments
UC1845A-SP TI-UC1845A-SP_15 Datasheet
874Kb / 28P
UC1845A-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
SN54AC00-SP_016 TI1-SN54AC00-SP_016 Datasheet
193Kb / 10P
SN54AC00-SP Radiation Hardened Quad 2 Input NAND Gate
logo
Xilinx, Inc
DS692 XILINX-DS692 Datasheet
1Mb / 41P
Radiation-Hardened
logo
Texas Instruments
UC1843B-SP TI-UC1843B-SP_V01 Datasheet
3Mb / 27P
UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V02 Datasheet
3Mb / 31P
UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
logo
Renesas Technology Corp
ISL71610SLHM RENESAS-ISL71610SLHM Datasheet
489Kb / 18P
Radiation Hardened Passive-Input Digital Isolator
Nov 11, 2022
ISL71710SLHM RENESAS-ISL71710SLHM Datasheet
657Kb / 17P
Radiation Hardened Active-Input High Speed Digital Isolator
Jul 26, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com