Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8505 Datasheet (PDF) - Aeroflex Circuit Technology

ACT8505 Datasheet PDF - Aeroflex Circuit Technology
Part # ACT8505
Download  ACT8505 Download
File Size   88.56 Kbytes
Page   11 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description ACT8505 Radiation Hardened 64-Channel Analog Multiplexer Module With MUX Output Monitor Function

ACT8505 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT8505 Datasheet PDF - Aeroflex Circuit Technology

Part # ACT8505
Download  ACT8505 Click to download

File Size   88.56 Kbytes
Page   11 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description ACT8505 Radiation Hardened 64-Channel Analog Multiplexer Module With MUX Output Monitor Function

ACT8505 Datasheet (HTML) - Aeroflex Circuit Technology


ACT8505 Product details

General Description
Aeroflex’s ACT8505 is a radiation hardened, multi-chip 64 channel multiplexer MCM (multi-chip module) for use in space applications.
The ACT8505 has been specifically designed to meet exposure to radiation environments. The multiplexer is available in a 96 lead High Temperature Co-Fired Ceramic (HTCC) Quad Flatpack (QFP) and is guaranteed operational from -55°C to +125°C. Available screened in accordance with MIL-PRF-38534, the ACT8505 is ideal for demanding military and space applications.

Features
■ Radiation Environment
    • Radiation 300K(Si) Total Dose
    • No Latch-Up or SEE to 120MeV/cm2/mg
■ Full Military Temperature Range
■ Low Power Consumption < 75mW, typical 50mW
■ 64 Channels Provided by Four (4) HS-1840RH Multiplexers
■ Address Bus (A0-3), and Four Enable lines afford flexible organization
■ Output Monitoring of HS-1840RH outputs to a Fifth HS1840RH. Controlled with C0, C1 Address Lines.
■ Fast Access Time 1500ns
■ ±35V Input Over Voltage Protection (Power On or Off)
■ Break-Before-Make Switching
■ High Analog Input Impedance (Power On or Off)
■ Dielectrically Isolated Device Islands
■ No Latch-Up
■ Same Form / Fit / Function as ACT8504 but no input Transorbs
■ Packaging – Hermetic Ceramic Quad Flat Pack
    • 96 Leads, 1.32"Sq x .20"Ht Quad Flat Pack
    • Typical Weight 15 grams
■ DESC SMD Pending




Similar Part No. - ACT8505

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT8500 AEROFLEX-ACT8500 Datasheet
92Kb / 10P
ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8500-7 AEROFLEX-ACT8500-7 Datasheet
92Kb / 10P
ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8500-C AEROFLEX-ACT8500-C Datasheet
92Kb / 10P
ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8500-I AEROFLEX-ACT8500-I Datasheet
92Kb / 10P
ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8500-S AEROFLEX-ACT8500-S Datasheet
92Kb / 10P
ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
More results


Similar Description - ACT8505

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT8500 AEROFLEX-ACT8500 Datasheet
92Kb / 10P
ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8501 AEROFLEX-ACT8501 Datasheet
87Kb / 10P
ACT8501 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8504 AEROFLEX-ACT8504 Datasheet
92Kb / 11P
ACT8504 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module With MUX Output Monitor Function
MUX8507 AEROFLEX-MUX8507 Datasheet
397Kb / 9P
MUX8507 64-Channel Analog Multiplexer Module Radiation Tolerant
MUX8509 AEROFLEX-MUX8509 Datasheet
387Kb / 8P
MUX8509 64-Channel Analog Multiplexer Module Radiation Tolerant
logo
Intersil Corporation
ISL71831SEH INTERSIL-ISL71831SEH Datasheet
1Mb / 21P
Radiation Hardened 5V 32-Channel Analog Multiplexer
November 18, 2016
ISL71840SEH INTERSIL-ISL71840SEH Datasheet
1Mb / 27P
Radiation Hardened 30V 16-Channel Analog Multiplexer
June 9, 2016
ISL71841SEH INTERSIL-ISL71841SEH Datasheet
991Kb / 29P
Radiation Hardened 30V 32-Channel Analog Multiplexer
June 3, 2016
logo
Renesas Technology Corp
ISL71831SEH RENESAS-ISL71831SEH Datasheet
2Mb / 22P
Radiation Hardened 5V 32-Channel Analog Multiplexer
Dec 8, 2022
ISL71841SEH RENESAS-ISL71841SEH Datasheet
1Mb / 30P
Radiation Hardened 30V 32-Channel Analog Multiplexer
Feb 23, 2018
More results




About Aeroflex Circuit Technology


Aeroflex Circuit Technology is a division of Aeroflex Holding Corp, a leading provider of high-performance microelectronic components and subsystems.
Aeroflex Circuit Technology specializes in the design and manufacture of high-quality circuit boards and components for the aerospace and defense, medical, and industrial markets.
The company offers a wide range of products including printed circuit boards (PCBs), microelectronics assemblies, and complete systems.
Aeroflex Circuit Technology is known for its expertise in advanced circuit technology, high-reliability products, and superior customer service.
The company has facilities in various locations across the United States and Europe.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com