Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8505 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # ACT8505
Description  ACT8505 Radiation Hardened 64-Channel Analog Multiplexer Module With MUX Output Monitor Function
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT8505 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  ACT8505 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT8505 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT8505 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT8505 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT8505 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT8505 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT8505 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT8505 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT8505 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Aeroflex Circuit Technology
SCD8505 REV A 10/26/01 Plainview NY (516) 694-6700
Positive Input
Leakage Current
CH0-CH63
+ISOFFOUTPUT(ALL)VIN = +10V, VEN = 4V, output and all unused
MUX inputs under test = -10V
2/, 3/
-100
+100
nA
+ISOFFCURRENT(ALL)
-100
+100
nA
Negative Input
Leakage Current
CH0-CH63
-ISOFFOUTPUT(ALL)
VIN = -10V, VEN = 4V, output and all unused
MUX inputs under test = +10V 2/, 3/
-100
+100
nA
-ISOFFCURRENT(ALL)
-100
+100
nA
Output Leakage
Current OUTPUTS
(pins 3,13, 23 & 33)
Mux Monitor
(pin 69)
+IDOFFOUTPUT(ALL)
VOUT = +10V, VEN = 4V, output and all
unused MUX inputs under test = -10V 3/, 4/
-100
+100
nA
+IDOFFCURRENT(ALL)
-100
+100
nA
Output Leakage
Current OUTPUTS
(pins 3,13, 23 & 33)
Mux Monitor
(pin 69)
-IDOFFOUTPUT(ALL)
VOUT = -10V, VEN = 4V, output and all unused
MUX inputs under test = +10V 3/, 4/
-100
+100
nA
-IDOFFCURRENT(ALL)
-100
+100
nA
Switch ON Resistance
OUTPUTS
(pins 25, 26, 68 & 70)
RDS(ON)(0-63)
A
VIN = +15V, VEN = 0.8V, IOUT = -1mA
2/, 3/, 5/
500
3000
RDS(ON)(0-63)
B
VIN = +5V, VEN = 0.8V, IOUT = -1mA
2/, 3/, 5/
500
3000
RDS(ON)(0-63)
C
VIN = -5V, VEN = 0.8V, IOUT = +1mA
2/, 3/, 5/
500
3000
Switch ON Resistance
Mux Monitor Only
(pin 69)
6/
RDS(ON)(MuxMon)
-
500
3000
Notes:
1/ Measure inputs sequentially. Ground all unused inputs of the MUX under test. VA is the applied input voltage to the MUXes’ address lines A(0-5).
2/ VIN is the applied input voltage to the MUXes’ input channel CH0-CH63.
3/ VEN is the applied input voltage to the MUXes’ enable line En(0-15), En(16-31), En(32-47) and En(48-63).
4/ VOUT is the applied input voltage to the MUXes’ output line OUTPUT(1-15), OUTPUT(16-31), OUTPUT(32-47) and OUTPUT(48-63).
5/ Negative current is the current flowing out of each of the MUX pins. Positive current is the current flowing into each MUX pin.
6/ If not tested, shall be guaranteed to the specified limits.
Switching Characteristics
(Tc = -55°C to +125°C, VDD = +15V, VEE = -15V, VR = +5.0V, Unless otherwise specified)
Parameter
Symbol
Conditions
Min
Max
Units
Switching Test MUX
(For Mux Output Monitor,
See Note 6/)
t
ON
A
RL = 10K
Ω, CL = 50pF
10
1500
ns
t
OFF
A
RL = 10K
Ω, CL = 50pF
10
2000
ns
t
ON
EN
RL = 1K
Ω, CL = 50pF
10
1500
ns
t
OFF
EN
RL = 1K
Ω, CL = 50pF
10
1000
ns
DC Electrical Performance Characteristics 1/ (con’t)
(Tc = -55°C to +125°C, +VEE = +15V, -VEE = -15V, VREF = +5.0V, Unless otherwise specified)
Parameter
Symbol
Conditions
Min
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com