Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8505 Datasheet(PDF) 11 Page - Aeroflex Circuit Technology

Part # ACT8505
Description  ACT8505 Radiation Hardened 64-Channel Analog Multiplexer Module With MUX Output Monitor Function
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT8505 Datasheet(HTML) 11 Page - Aeroflex Circuit Technology

Back Button ACT8505 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT8505 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT8505 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT8505 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT8505 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT8505 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT8505 Datasheet HTML 9Page - Aeroflex Circuit Technology ACT8505 Datasheet HTML 10Page - Aeroflex Circuit Technology ACT8505 Datasheet HTML 11Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
Aeroflex Circuit Technology
SCD8505 REV A 10/26/01 Plainview NY (516) 694-6700
CIR C UI T T E CHNOLOGY
Ordering Information
Model Number
Screening
DESC SMD #
Package
ACT8505 -S
Military Temperature, -55°C to +125°C,
Screened to the individual test methods of MIL-STD-883 IAW
MIL-PRF-38534 Class K
Pending
QUAD Flat
Pack
ACT8505
Military Temperature, -55°C to +125°C,
Screened to the individual test methods of MIL-STD-883 IAW
MIL-PRF-38534 Class H
ACT8505 -7
Commercial Flow, +25°C testing only
NA
ACT8505 -T
Commercial Flow, -55°C to +125°C testing only
ACT8505 -I
Commercial Flow, -40°C to +85°C testing only
ACT8505 -C
Commercial Flow, -0°C to +70°C testing only
Specifications subject to change without notice
1.320 SQ
Pin 85
Pin 12
Pin 60
Pin 37
Pin 13
Pin 36
Pin 61
Pin 84
Pin 1
Flat Package Outline
MAX
(23 Spaces at .050)
Tol Non-Cum
4 Sides
.0165
±.003
1.150 ±.005
.200
MAX
(.400)
Note: Outside ceramic tie
bars not shown for clarity.
Contact factory for details
.006
±.001
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11803
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: (800) THE-1553
www.aeroflex.com
E-Mail: sales-act@aeroflex.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com