Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8505 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACT8505
Description  ACT8505 Radiation Hardened 64-Channel Analog Multiplexer Module With MUX Output Monitor Function
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT8505 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACT8505 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT8505 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT8505 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT8505 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT8505 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT8505 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT8505 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT8505 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT8505 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
eroflex Circuit T
echnology – Multiplexer Modules For The Future © SCD8505 REV A 10/26/01
Features
Radiation Environment
• Radiation 300K(Si) Total Dose
No Latch-Up or SEE to 120MeV/cm2/mg
Full Military Temperature Range
Low Power Consumption < 75mW, typical 50mW
64 Channels Provided by Four (4) HS-1840RH Multiplexers
Address Bus (A0-3), and Four Enable lines afford flexible organization
Output Monitoring of HS-1840RH outputs to a Fifth HS1840RH. Controlled with
C0, C1 Address Lines.
Fast Access Time 1500ns
±35V Input Over Voltage Protection (Power On or Off)
Break-Before-Make Switching
High Analog Input Impedance (Power On or Off)
Dielectrically Isolated Device Islands
No Latch-Up
Same Form / Fit / Function as ACT8504 but no input Transorbs
Packaging – Hermetic Ceramic Quad Flat Pack
• 96 Leads, 1.32"Sq x .20"Ht Quad Flat Pack
• Typical Weight 15 grams
DESC SMD Pending
General Description
Aeroflex’s ACT8505 is a radiation hardened, multi-chip 64 channel multiplexer MCM (multi-chip
module) for use in space applications.
The ACT8505 has been specifically designed to meet exposure to radiation environments. The
multiplexer is available in a 96 lead High Temperature Co-Fired Ceramic (HTCC) Quad Flatpack
(QFP) and is guaranteed operational from -55°C to +125°C. Available screened in accordance with
MIL-PRF-38534, the ACT8505 is ideal for demanding military and space applications.
F
I
E
I
D
C
E
R T
F
L E
X L A
ISO
9001
CIRCUIT TECHNOLOGY
www.aeroflex.com
ACT8505
Radiation Hardened
With MUX Output Monitor Function
64-Channel Analog Multiplexer Module


Similar Part No. - ACT8505

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT8500 AEROFLEX-ACT8500 Datasheet
92Kb / 10P
ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8500-7 AEROFLEX-ACT8500-7 Datasheet
92Kb / 10P
ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8500-C AEROFLEX-ACT8500-C Datasheet
92Kb / 10P
ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8500-I AEROFLEX-ACT8500-I Datasheet
92Kb / 10P
ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8500-S AEROFLEX-ACT8500-S Datasheet
92Kb / 10P
ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
More results

Similar Description - ACT8505

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT8500 AEROFLEX-ACT8500 Datasheet
92Kb / 10P
ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8501 AEROFLEX-ACT8501 Datasheet
87Kb / 10P
ACT8501 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8504 AEROFLEX-ACT8504 Datasheet
92Kb / 11P
ACT8504 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module With MUX Output Monitor Function
MUX8507 AEROFLEX-MUX8507 Datasheet
397Kb / 9P
MUX8507 64-Channel Analog Multiplexer Module Radiation Tolerant
MUX8509 AEROFLEX-MUX8509 Datasheet
387Kb / 8P
MUX8509 64-Channel Analog Multiplexer Module Radiation Tolerant
logo
Intersil Corporation
ISL71831SEH INTERSIL-ISL71831SEH Datasheet
1Mb / 21P
Radiation Hardened 5V 32-Channel Analog Multiplexer
November 18, 2016
ISL71840SEH INTERSIL-ISL71840SEH Datasheet
1Mb / 27P
Radiation Hardened 30V 16-Channel Analog Multiplexer
June 9, 2016
ISL71841SEH INTERSIL-ISL71841SEH Datasheet
991Kb / 29P
Radiation Hardened 30V 32-Channel Analog Multiplexer
June 3, 2016
logo
Renesas Technology Corp
ISL71831SEH RENESAS-ISL71831SEH Datasheet
2Mb / 22P
Radiation Hardened 5V 32-Channel Analog Multiplexer
Dec 8, 2022
ISL71841SEH RENESAS-ISL71841SEH Datasheet
1Mb / 30P
Radiation Hardened 30V 32-Channel Analog Multiplexer
Feb 23, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com