Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV825 Datasheet (PDF) - Texas Instruments

TLV825 Datasheet PDF - Texas Instruments
Part # TLV825
Download  TLV825 Download
File Size   3115.85 Kbytes
Page   54 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLVx825 3.5MHz, 1.8V – 5.5V, High Precision, Zero-Drift Operational Amplifiers

TLV825 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV825 Datasheet PDF - Texas Instruments

Part # TLV825
Download  TLV825 Click to download

File Size   3115.85 Kbytes
Page   54 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLVx825 3.5MHz, 1.8V – 5.5V, High Precision, Zero-Drift Operational Amplifiers

TLV825 Datasheet (HTML) - Texas Instruments


TLV825 Product details

1 Features
• Ultra-low offset drift: ±0.02μV/°C
• Flat low frequency noise: 0.3μVPP (0.1 to 10Hz)
• Ultra-low offset: ±4μV
• Rail-to-rail input and output
• Very high AOL, CMRR, PSRR: > 120dB
• Wide input common-mode: 100mV beyond rails
• Low input bias current: ±100pA
• Low thermal noise floor: 15nV/√Hz
• Wide gain bandwidth: 3.5MHz
• High CL drive: 1nF (no sustained oscillations)
• Low quiescent current: 500μA/channel
• Wide supply range: 1.8V to 5.5V
• Wide temperature range: –40°C to +125°C

2 Applications
• Sensor signal conditioning
– Weigh scales
– Pressure transmitters
– Temperature transmitters
– Flow transmitters
• Precision current sensing
– Merchant DC/DC
– Electricity meters
– Micro and solar inverters

3 Description
The TLVx825 family of single, dual, and quad channel operational amplifiers enable precision performance such as lower offset, lower offset drift over temperature, greater offset stability over time and a flat noise floor. This level of performance is crucial to a variety of systems focusing on precision voltage sensing from sensors and precision current sensing using smaller shunt resistors.
TLVx825 uses zero-drift architecture to achieve an input referred offset voltage of 4μV, an offset drift of 0.02μV/°C and a low frequency noise of 320nVPP in the standard 0.1 – 10Hz range. This combination of specs provides excellent accuracy in high gain applications, thereby greatly reducing the need for system level calibration.
Additionally, with a quiescent current of 500μA, the TLVx825 is able to achieve a bandwidth of 3.5MHz and a broadband noise of 15nV/√Hz. This ability is crucial to achieve higher linearity, and signal-tonoise ratio in applications involving higher resolution, mid-speed analog to digital converters (ADCs) while minimizing system power.
TLVx825 is operational from 1.8V to 5.5V, and is available in standard packages for broader industrial applications as well as the micro-size packages to fit in the space-constrained portable applications. The devices are specified for operation from –40°C to +125°C.




Similar Part No. - TLV825

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV821 TI-TLV821 Datasheet
105Kb / 7P
OPERATIONAL AMPLIFIERS
TLV821IDBVR TI-TLV821IDBVR Datasheet
105Kb / 7P
OPERATIONAL AMPLIFIERS
TLV821IDCKR TI-TLV821IDCKR Datasheet
105Kb / 7P
OPERATIONAL AMPLIFIERS
TLV822 TI-TLV822 Datasheet
105Kb / 7P
OPERATIONAL AMPLIFIERS
TLV822ID TI-TLV822ID Datasheet
105Kb / 7P
OPERATIONAL AMPLIFIERS
More results


Similar Description - TLV825

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2333AIDGKR TI-OPA2333AIDGKR Datasheet
1Mb / 28P
1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
Zero Drift operational amplifiers
AK2922H AKM-AK2922H Datasheet
193Kb / 5P
Zero Drift operational amplifiers
AK2921T AKM-AK2921T Datasheet
563Kb / 15P
Zero Drift operational amplifiers
AK2920T AKM-AK2920T Datasheet
345Kb / 15P
Zero Drift operational amplifiers
AK2910T AKM-AK2910T Datasheet
385Kb / 15P
Zero Drift operational amplifiers
AK2973H AKM-AK2973H Datasheet
1Mb / 18P
Zero Drift operational amplifiers
logo
Texas Instruments
OPA4188 TI1-OPA4188 Datasheet
1Mb / 35P
Zero-Drift Operational Amplifiers
logo
Asahi Kasei Microsystem...
AK2973 AKM-AK2973 Datasheet
1Mb / 18P
Zero Drift operational amplifiers
logo
Diodes Incorporated
AS2333 DIODES-AS2333 Datasheet
746Kb / 16P
1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
January 2021 Rev. 3 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com