Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV825 Datasheet (PDF) - Texas Instruments

TLV825 Datasheet PDF - Texas Instruments
Part # TLV825
Download  TLV825 Download
File Size   2640.06 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLVx825 3.5MHz, 1.8V to 5.5V, High Precision, Zero-Drift Operational Amplifiers

TLV825 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV825 Datasheet PDF - Texas Instruments

Part # TLV825
Download  TLV825 Click to download

File Size   2640.06 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLVx825 3.5MHz, 1.8V to 5.5V, High Precision, Zero-Drift Operational Amplifiers

TLV825 Datasheet (HTML) - Texas Instruments


TLV825 Product details

1 Features
• Ultra-low offset drift: ±0.02μV/°C
• Flat low frequency noise: 0.3μVPP (0.1 to 10Hz)
• Ultra-low offset: ±4μV
• Rail-to-rail input and output
• Very high AOL, CMRR, PSRR: > 120dB
• Wide input common-mode: 100mV beyond rails
• Low input bias current: ±100pA
• Low thermal noise floor: 15nV/√Hz
• Wide gain bandwidth: 3.5MHz
• High CL drive: 1nF (no sustained oscillations)
• Low quiescent current: 500μA/channel
• Wide supply range: 1.8V to 5.5V
• Wide temperature range: –40°C to +125°C




Similar Part No. - TLV825

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV825 TI2-TLV825 Datasheet
3Mb / 54P
TLVx825 3.5MHz, 1.8V – 5.5V, High Precision, Zero-Drift Operational Amplifiers
MAY 2026
TLV825DBVR TI2-TLV825DBVR Datasheet
3Mb / 54P
TLVx825 3.5MHz, 1.8V – 5.5V, High Precision, Zero-Drift Operational Amplifiers
MAY 2026
TLV825DCKR TI2-TLV825DCKR Datasheet
3Mb / 54P
TLVx825 3.5MHz, 1.8V – 5.5V, High Precision, Zero-Drift Operational Amplifiers
MAY 2026
More results


Similar Description - TLV825

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2333AIDGKR TI-OPA2333AIDGKR Datasheet
1Mb / 28P
1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
Zero Drift operational amplifiers
AK2922H AKM-AK2922H Datasheet
193Kb / 5P
Zero Drift operational amplifiers
AK2921T AKM-AK2921T Datasheet
563Kb / 15P
Zero Drift operational amplifiers
AK2920T AKM-AK2920T Datasheet
345Kb / 15P
Zero Drift operational amplifiers
AK2910T AKM-AK2910T Datasheet
385Kb / 15P
Zero Drift operational amplifiers
AK2973H AKM-AK2973H Datasheet
1Mb / 18P
Zero Drift operational amplifiers
logo
Texas Instruments
OPA4188 TI1-OPA4188 Datasheet
1Mb / 35P
Zero-Drift Operational Amplifiers
logo
Asahi Kasei Microsystem...
AK2973 AKM-AK2973 Datasheet
1Mb / 18P
Zero Drift operational amplifiers
logo
Diodes Incorporated
AS2333 DIODES-AS2333 Datasheet
746Kb / 16P
1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
January 2021 Rev. 3 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com