Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIF-40 Datasheet (PDF) - Mini-Circuits

SIF-40 Datasheet PDF - Mini-Circuits
Part # SIF-40
Download  SIF-40 Download
File Size   82.12 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description 50廓 Constant Impedance 35 to 49 MHz

SIF-40 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIF-40 Datasheet PDF - Mini-Circuits

Part # SIF-40
Download  SIF-40 Click to download

File Size   82.12 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description 50廓 Constant Impedance 35 to 49 MHz

SIF-40 Datasheet (HTML) - Mini-Circuits




Similar Part No. - SIF-40

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SIF-21.4 MINI-SIF-21.4 Datasheet
180Kb / 1P
Bandpass Filter
SIF-21.4+ MINI-SIF-21.4+ Datasheet
180Kb / 1P
Bandpass Filter
SIF-30 MINI-SIF-30 Datasheet
179Kb / 1P
Bandpass Filter
SIF-30+ MINI-SIF-30+ Datasheet
179Kb / 1P
Bandpass Filter
SIF-50 MINI-SIF-50 Datasheet
179Kb / 1P
Bandpass Filter
More results


Similar Description - SIF-40

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZHL-5W-1 MINI-ZHL-5W-1 Datasheet
139Kb / 2P
50廓 High Power 5 to 500 MHz
FK-3000 MINI-FK-3000 Datasheet
126Kb / 1P
50廓 Output 140 to 3000 MHz
D18P MINI-D18P Datasheet
244Kb / 1P
Directional Coupler 50廓 1710 to 1990 MHz
JDC-20-1W MINI-JDC-20-1W Datasheet
307Kb / 1P
Directional Coupler 50廓 50 to 750 MHz
JDC-20-2 MINI-JDC-20-2 Datasheet
308Kb / 1P
Directional Coupler 50廓 400 to 900 MHz
JDC-20-5 MINI-JDC-20-5 Datasheet
313Kb / 1P
Directional Coupler 50廓 50 to 1500 MHz
LRDC-20-2J MINI-LRDC-20-2J Datasheet
248Kb / 1P
Directional Coupler 50廓 300 to 1100 MHz
SHP-400 MINI-SHP-400 Datasheet
163Kb / 1P
SpecificationsHigh 50廓 395 to 3200 MHz
DSN-2000A-219+ MINI-DSN-2000A-219+ Datasheet
806Kb / 11P
50廓 1200 to 2200 MHz
logo
Maxim Integrated Produc...
MAX14662EVKIT MAXIM-MAX14662EVKIT Datasheet
549Kb / 7P
50廓 Controlled-Impedance Signal Traces
2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com