Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9QXL2001B Datasheet (PDF) - Renesas Technology Corp

9QXL2001B Datasheet PDF - Renesas Technology Corp
Part # 9QXL2001B
Download  9QXL2001B Download
File Size   778.43 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 20-Output DB2000QL

9QXL2001B Datasheet (PDF)

Go To PDF Page Download Datasheet
9QXL2001B Datasheet PDF - Renesas Technology Corp

Part # 9QXL2001B
Download  9QXL2001B Click to download

File Size   778.43 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 20-Output DB2000QL

9QXL2001B Datasheet (HTML) - Renesas Technology Corp


9QXL2001B Product details

▪ Two Output Enable Control modes:
• Traditional 8 OE# pins allow hardware control of 8 outputs
and 20 SMBus bits allow software control of each output
• Simple 3-wire Side-Band Interface allows real-time control of all 20 outputs
▪ Outputs remain Low/Low when powered up with floating input clock
▪ Low-Power HCSL (LP-HCSL) outputs:
• Zo = 85Ω outputs eliminate 80 resistors, saving 130mm2 of area
• Power consumption reduced by 50%
▪ Nine selectable SMBus addresses
▪ Spread spectrum compatible
▪ 6 × 6 mm dual-row 80-VFQFPN




Similar Part No. - 9QXL2001B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9QXL2001B RENESAS-9QXL2001B Datasheet
845Kb / 25P
20-Output DB2000QL
November 11, 2022
9QXL2001BNHGI RENESAS-9QXL2001BNHGI Datasheet
845Kb / 25P
20-Output DB2000QL
November 11, 2022
9QXL2001BNHGI8 RENESAS-9QXL2001BNHGI8 Datasheet
845Kb / 25P
20-Output DB2000QL
November 11, 2022
9QXL2001BNHGI8/W RENESAS-9QXL2001BNHGI8/W Datasheet
845Kb / 25P
20-Output DB2000QL
November 11, 2022
More results


Similar Description - 9QXL2001B

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FDC20-12S33 P-DUKE-FDC20-12S33 Datasheet
278Kb / 3P
20 WATTS OUTPUT POWER
logo
Recom International Pow...
RAC20-B RECOM-RAC20-B Datasheet
94Kb / 2P
20 Watt Single Output
logo
Texas Instruments
PT5810 TI1-PT5810_14 Datasheet
212Kb / 11P
20 A Output Current
logo
Recom International Pow...
RAC20-SB RECOM-RAC20-SB Datasheet
94Kb / 2P
20 Watt Single Output
logo
Wall Industries,Inc.
CMMDW WALL-CMMDW Datasheet
279Kb / 3P
20 Watt Single Output
logo
Texas Instruments
CDCDB2000 TI1-CDCDB2000 Datasheet
556Kb / 33P
CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
logo
Renesas Technology Corp
9QXL2000B RENESAS-9QXL2000B Datasheet
649Kb / 23P
20-Output DB2000Q
March 9, 2022
9QXL2001B RENESAS-9QXL2001B Datasheet
845Kb / 25P
20-Output DB2000QL
November 11, 2022
9QXL2001C RENESAS-9QXL2001C Datasheet
783Kb / 27P
20-Output Enhanced DB2000QL
October 6, 2022
logo
Microchip Technology
ZL40294 MICROCHIP-ZL40294 Datasheet
3Mb / 46P
20-Output DB2000QL Buffer with Ultra-Low Additive Jitter
05-12-23
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com