Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

230-240V Datasheet (PDF) - ABB

230-240V Datasheet PDF - ABB
Part # 230-240V
Download  230-240V Download
File Size   212.41 Kbytes
Page   5 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description A12-30-10 230-240V 50Hz / 240-260V 60Hz Contactor

230-240V Datasheet (PDF)

Go To PDF Page Download Datasheet
230-240V Datasheet PDF - ABB

Part # 230-240V
Download  230-240V Click to download

File Size   212.41 Kbytes
Page   5 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description A12-30-10 230-240V 50Hz / 240-260V 60Hz Contactor

230-240V Datasheet (HTML) - ABB


230-240V Product details

General Information
Extended Product Type: A12-30-10 230-240V 50Hz / 240-260V 60Hz
Product ID: 1SBL161001R8810
EAN: 3471522042880
Catalog Description: A12-30-10 230-240V 50Hz / 240-260V 60Hz Contactor
Long Description: A12 contactors are mainly used for controlling 3-phase motors and general
ly for controlling power circuits up to 690 V AC or 220 V DC. The contactor
s can also be used for many other applications such as isolation, capacitor
switching, lighting. The A... series 1-stack 3-pole contactors are of the bloc
k type design. - Main poles and auxiliary contact blocks: 3 main poles, 1 bu
ilt-in auxiliary contact, front and side-mounted add-on auxiliary contact bloc
ks - Control circuit: AC operated with laminated magnet circuit - Accessorie
s: a wide range of accessories is available.




Similar Part No. - 230-240V

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
230-25-LPI BEL-230-25-LPI Datasheet
1Mb / 3P
Direct Plug-in Replacement for Original FlatHead??Design
More results


Similar Description - 230-240V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5560 PANASONIC-AN5560 Datasheet
105Kb / 2P
50Hz and 60Hz Detection IC for TV
logo
MPS Industries, Inc.
P8E2R4VA MPSIND-P8E2R4VA Datasheet
174Kb / 1P
2.4VA 50Hz/60Hz LINE TRANSFORMER
P8E5VA MPSIND-P8E5VA Datasheet
176Kb / 1P
5VA 50Hz/60Hz LINE TRANSFORMER
logo
Monolithic Power System...
EVX2001-Y-00B MPS-EVX2001-Y-00B Datasheet
794Kb / 15P
90VAC~265VAC/50Hz/60Hz, 12V/5A Evaluation Board
logo
ABB
AF65-30-11-14 ABB-AF65-30-11-14 Datasheet
101Kb / 4P
AF65-30-11-14 250-500V50/60HZ-DC Contactor
2022
AF09-30-10-13 ABB-AF09-30-10-13 Datasheet
84Kb / 3P
AF09-30-10-13 100-250V50/60HZ-DC Contactor
12/22/14 3:30 PM
AF96-30-00-13 ABB-AF96-30-00-13 Datasheet
131Kb / 6P
100-250V50/60HZ-DC Contactor
A16-30-10 ABB-A16-30-10 Datasheet
126Kb / 5P
A16-30-10 220-230V 50Hz / 230-240V 60Hz 2
A9-30-10 ABB-A9-30-10 Datasheet
100Kb / 5P
A9-30-10 24V 50Hz / 24V 60Hz Contactor
logo
NHP Electrical Engineer...
RQ720240V NHP-RQ720240V Datasheet
948Kb / 2P
HOUR RUN METER 240V 50Hz AC
11 October 2022,
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com