Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC0209 Datasheet (PDF) - Proto Advantage SMD Adapter

IPC0209 Datasheet PDF - Proto Advantage SMD Adapter
Part # IPC0209
Download  IPC0209 Download
File Size   108.09 Kbytes
Page   2 Pages
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter
Description PowerQSOP-28 to DIP-32 SMT Adapter (0.635 mm pitch, 9.9 x 3.9 mm body)

IPC0209 Datasheet (PDF)

Go To PDF Page Download Datasheet
IPC0209 Datasheet PDF - Proto Advantage SMD Adapter

Part # IPC0209
Download  IPC0209 Click to download

File Size   108.09 Kbytes
Page   2 Pages
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter
Description PowerQSOP-28 to DIP-32 SMT Adapter (0.635 mm pitch, 9.9 x 3.9 mm body)

IPC0209 Datasheet (HTML) - Proto Advantage SMD Adapter




Similar Part No. - IPC0209

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0200 PROTOADVANTAGE-IPC0200 Datasheet
106Kb / 2P
HTSSOP-56 to DIP-60 SMT Adapter (0.5 mm pitch, 14 x 6.1 mm body)
revision 1.0
IPC0201 PROTOADVANTAGE-IPC0201 Datasheet
107Kb / 2P
HTQFP-64 to DIP-68 SMT Adapter (0.5 mm pitch, 10 x 10 mm body)
revision 1.0
IPC0202 PROTOADVANTAGE-IPC0202 Datasheet
107Kb / 2P
Module-40 to DIP-40 SMT Adapter (1.3 mm pitch, 28.5 x 13 mm body)
revision 1.0
IPC0203 PROTOADVANTAGE-IPC0203 Datasheet
104Kb / 2P
SuperSOT-3 to DIP-4 SMT Adapter (1.3 mm pitch, 4 x 3 mm body)
revision 1.0
IPC0204 PROTOADVANTAGE-IPC0204 Datasheet
105Kb / 2P
SOIC-24 to DIP-24 SMT Adapter (1.27 mm pitch, 15.4 x 7.5 mm body)
revision 1.0
More results


Similar Description - IPC0209

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SOT108-1 PHILIPS-SOT108-1 Datasheet
10Kb / 1P
SO14: plastic small outline package; 14 leads; body width 3.9 mm
2003 Mar 24
logo
ACCUTEK MICROCIRCUIT CO...
AK28D-LLP ACCUTEK-AK28D-LLP Datasheet
372Kb / 6P
28 Pin to 32 Pin DIP Adapters
logo
Aries Electronics, Inc.
14-35W000-10 ARIES-14-35W000-10 Datasheet
450Kb / 1P
SOWIC-to-DIP Adapter - 14/28 Pins
logo
Schurter Inc.
231685 SCHURTER-231685 Datasheet
213Kb / 1P
Clip, 6.3 x 32 mm
logo
Samtec, Inc
QFSS SAMTEC-QFSS Datasheet
278Kb / 7P
QMSS/QFSS High Speed Shielded Terminal 0.635 mm pitch
QMSS SAMTEC-QMSS Datasheet
278Kb / 7P
QMSS/QFSS High Speed Shielded Terminal 0.635 mm pitch
logo
Mini-Circuits
185F-KF MINI-185F-KF Datasheet
193Kb / 2P
Adapter 1.85 mm-F to 2.92 mm-F
185F-KM MINI-185F-KM Datasheet
211Kb / 2P
Adapter 1.85 mm-F to 2.92 mm-M
185F-185F MINI-185F-185F Datasheet
212Kb / 2P
Adapter 1.85 mm-F to 1.85 mm-F
185M-24F MINI-185M-24F Datasheet
204Kb / 2P
Adapter 1.85 mm-M to 2.4 mm-F
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com