Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW4191M Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NJW4191M Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NJW4191M
Download  NJW4191M Download
File Size   223.58 Kbytes
Page   13 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Inverting Charge Pump IC

NJW4191M Datasheet (PDF)

Go To PDF Page Download Datasheet
NJW4191M Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NJW4191M
Download  NJW4191M Click to download

File Size   223.58 Kbytes
Page   13 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Inverting Charge Pump IC

NJW4191M Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NJW4191M Product details

FEATURES
Inverted Output -17V max.
Wide Operating Voltage Range 4.7V to 17V
Maximum Output Current 55mA max.
Correspond to Ceramic Capacitor (MLCC)
VOUT Programmable
ON/OFF Function
Built-in Oscillation Circuit 300kHz typ.
External Synchronization Function divide-by-4 counter (A ver.)
Thermal Shutdown
Function Compatible to NJU7660/NJU7662 Inverting Circuit*
Package Outline NJW4191R : MSOP8 (VSP8)**
NJW4191M : DMP8




Similar Part No. - NJW4191M

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4191M NJRC-NJW4191M Datasheet
165Kb / 2P
Doubler/Invert Charge Pump IC
More results


Similar Description - NJW4191M

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX868 MAXIM-MAX868 Datasheet
152Kb / 12P
Regulated, Adjustable -2x Inverting Charge Pump
Rev 1; 2/98
logo
Microchip Technology
TC2682 MICROCHIP-TC2682 Datasheet
401Kb / 10P
Inverting Charge Pump Voltage Doublers
2002
logo
Sipex Corporation
SP682 SIPEX-SP682 Datasheet
67Kb / 8P
Micro Power Inverting Charge Pump
logo
Panasonic Semiconductor
AN1201SM PANASONIC-AN1201SM Datasheet
84Kb / 5P
Polarity inverting charge pump DC/DC converter IC
logo
Microchip Technology
TC2682 MICROCHIP-TC2682_05 Datasheet
230Kb / 10P
Inverting Charge Pump Voltage Doublers
2005
logo
Sanyo Semicon Device
LV5254LG SANYO-LV5254LG Datasheet
141Kb / 14P
Bi-CMOS LSI Inverting Charge Pump Regulator IC
logo
Panasonic Semiconductor
AN1201SM PANASONIC-AN1201SM_06 Datasheet
164Kb / 4P
Polarity inverting charge pump DC/DC converter IC
logo
New Japan Radio
NJW4190 NJRC-NJW4190_13 Datasheet
72Kb / 7P
Doubler Charge Pump IC
NJW4191 NJRC-NJW4191_13 Datasheet
72Kb / 7P
Inverting Charge Pump IC
logo
Maxim Integrated Produc...
MAX889R MAXIM-MAX889R Datasheet
306Kb / 8P
Inverting Charge Pump
Rev 0; 7/00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com