Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA0014 Datasheet (PDF) - Proto Advantage SMD Adapter

BGA0014 Datasheet PDF - Proto Advantage SMD Adapter
Part # BGA0014
Download  BGA0014 Download
File Size   44.29 Kbytes
Page   2 Pages
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter
Description BGA-54 to DIP-54 SMT Adapter (0.75 mm pitch, 6 x 9 grid)

BGA0014 Datasheet (PDF)

Go To PDF Page Download Datasheet
BGA0014 Datasheet PDF - Proto Advantage SMD Adapter

Part # BGA0014
Download  BGA0014 Click to download

File Size   44.29 Kbytes
Page   2 Pages
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter
Description BGA-54 to DIP-54 SMT Adapter (0.75 mm pitch, 6 x 9 grid)

BGA0014 Datasheet (HTML) - Proto Advantage SMD Adapter




Similar Part No. - BGA0014

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
BGA0010 PROTOADVANTAGE-BGA0010 Datasheet
44Kb / 2P
BGA-42 to DIP-42 SMT Adapter (0.5 mm pitch, 6 x 7 grid)
revision 1.0
BGA0011 PROTOADVANTAGE-BGA0011 Datasheet
44Kb / 2P
BGA-25 to DIP-25 SMT Adapter (0.5 mm pitch, 5 x 5 grid)
revision 1.0
BGA0012 PROTOADVANTAGE-BGA0012 Datasheet
106Kb / 2P
BGA-54 to DIP-54 SMT Adapter (1.2mm pitch, 6 x 9 grid)
revision 1.0
BGA0015 PROTOADVANTAGE-BGA0015 Datasheet
88Kb / 1P
BGA-100 SMT Adapter (0.65 mm pitch, 10 x 10 grid)
revision 1.0
BGA0016 PROTOADVANTAGE-BGA0016 Datasheet
106Kb / 2P
BGA-25 to DIP-25 SMT Adapter (0.4 mm pitch, 5 x 5 grid)
revision 1.0
More results


Similar Description - BGA0014

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C3256164VBUC MOSEL-V54C3256164VBUC Datasheet
651Kb / 45P
LOW POWER 256Mbit SDRAM 3.3 VOLT, 54-BALL SOC BGA 54-PIN TSOPII 16M X 16
logo
ADL Embedded Solutions
MSMEC104EX ADL-MSMEC104EX Datasheet
192Kb / 1P
Adapter for Express Cards 34/54
logo
TAI-SAW TECHNOLOGY CO.,...
TX0147A TAI-SAW-TX0147A Datasheet
173Kb / 4P
7.0x5.0 VCXO 54 MHz
logo
Rohm
SPR-54 ROHM-SPR-54_11 Datasheet
1Mb / 4P
SPR-54 Series
logo
List of Unclassifed Man...
44311 ETC2-44311 Datasheet
131Kb / 1P
TRANSFORMATEURS E1 54
logo
ERNI Electronics
354000 ERNI-354000 Datasheet
71Kb / 1P
MicroStac Steckverb., 54 polig
logo
E-SWITCH
N111197 E-SWITCH-N111197 Datasheet
83Kb / 1P
PACKAGING: 54 PCS TUBE
logo
KR Electronics, Inc.
3028 KR-3028 Datasheet
38Kb / 2P
54 MHz Highpass
logo
WAGO Kontakttechnik Gmb...
787-785 WAGO-787-785 Datasheet
519Kb / 7P
Redundancy Module; 2 x 9 ??54 VDC input voltage
logo
FIBOX Enclosing innovat...
5070729 FIBOX-5070729 Datasheet
46Kb / 1P
Spacer 54 mm
31.07.2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com