Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA0011 Datasheet (PDF) - Proto Advantage SMD Adapter

BGA0011 Datasheet PDF - Proto Advantage SMD Adapter
Part # BGA0011
Download  BGA0011 Download
File Size   44.29 Kbytes
Page   2 Pages
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter
Description BGA-25 to DIP-25 SMT Adapter (0.5 mm pitch, 5 x 5 grid)

BGA0011 Datasheet (PDF)

Go To PDF Page Download Datasheet
BGA0011 Datasheet PDF - Proto Advantage SMD Adapter

Part # BGA0011
Download  BGA0011 Click to download

File Size   44.29 Kbytes
Page   2 Pages
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter
Description BGA-25 to DIP-25 SMT Adapter (0.5 mm pitch, 5 x 5 grid)

BGA0011 Datasheet (HTML) - Proto Advantage SMD Adapter




Similar Part No. - BGA0011

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
BGA0010 PROTOADVANTAGE-BGA0010 Datasheet
44Kb / 2P
BGA-42 to DIP-42 SMT Adapter (0.5 mm pitch, 6 x 7 grid)
revision 1.0
BGA0012 PROTOADVANTAGE-BGA0012 Datasheet
106Kb / 2P
BGA-54 to DIP-54 SMT Adapter (1.2mm pitch, 6 x 9 grid)
revision 1.0
BGA0014 PROTOADVANTAGE-BGA0014 Datasheet
44Kb / 2P
BGA-54 to DIP-54 SMT Adapter (0.75 mm pitch, 6 x 9 grid)
revision 1.0
BGA0015 PROTOADVANTAGE-BGA0015 Datasheet
88Kb / 1P
BGA-100 SMT Adapter (0.65 mm pitch, 10 x 10 grid)
revision 1.0
BGA0016 PROTOADVANTAGE-BGA0016 Datasheet
106Kb / 2P
BGA-25 to DIP-25 SMT Adapter (0.4 mm pitch, 5 x 5 grid)
revision 1.0
More results


Similar Description - BGA0011

ManufacturerPart #DatasheetDescription
logo
LEM
HY5P LEM-HY5P Datasheet
141Kb / 2P
Current Transducers HY 5 to 25-P/SP1
HY5-P LEM-HY5-P Datasheet
109Kb / 2P
Current Transducers HY 5 to 25-P
logo
Aries Electronics, Inc.
1110748 ARIES-1110748 Datasheet
420Kb / 1P
Surface Mount-to-DIP JEDEC SOT-25, SOT-23A-6 Adapter
logo
Pulse A Technitrol Comp...
GPSMOD1315 PULSE-GPSMOD1315 Datasheet
750Kb / 10P
Active GPS Antenna Modules 13mm x 13mm and 25 mm x 25 mm sizes
logo
Ledil, Inc.
C10402 LEDIL-C10402 Datasheet
2Mb / 4P
25 x 25 mm lens with ~90째 x 8째 oval beam
C10527 LEDIL-C10527 Datasheet
2Mb / 4P
25 x 25 mm lens with ~95째 x 20째 diffused oval beam
logo
Infineon Technologies A...
BSZ009NE2LS5 INFINEON-BSZ009NE2LS5 Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 25 V
Rev.2.1,2020-05-12
IQE006NE2LM5CG INFINEON-IQE006NE2LM5CG Datasheet
1Mb / 13P
OptiMOSTM 5 Power-Transistor, 25 V
Rev.2.1,2020-03-16
logo
Pulse A Technitrol Comp...
GPSMODXXXX PULSE-GPSMODXXXX Datasheet
750Kb / 10P
Active GPS Antenna Modules 13mm x 13 mm and 25 mm x 25 mm sizes
logo
WAGO Kontakttechnik Gmb...
855-8020 WAGO-855-8020 Datasheet
50Kb / 2P
Miniature fuse; 5 x 25 mm; with indicator
18.10.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com