Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D02265 Datasheet (PDF) - Premier Farnell Limited.

D02265 Datasheet PDF - Premier Farnell Limited.
Part # D02265
Download  D02265 Download
File Size   153.58 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Soldering Station, 48W

D02265 Datasheet (PDF)

Go To PDF Page Download Datasheet
D02265 Datasheet PDF - Premier Farnell Limited.

Part # D02265
Download  D02265 Click to download

File Size   153.58 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Soldering Station, 48W

D02265 Datasheet (HTML) - Premier Farnell Limited.


D02265 Product details

Features
Adjustable Soldering Station
220-240V AC 50Hz 48W Blue colour
Hi-quality tip C1-1
Natural mica heater
Temperature:150 - 480°C
BS plug




Similar Part No. - D02265

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D02260 DURATOOL-D02260 Datasheet
176Kb / 1P
Soldering Tips
15/04/13 V1.0
D02260 DURATOOL-D02260 Datasheet
116Kb / 1P
Soldering Iron Gun
D02261 DURATOOL-D02261 Datasheet
176Kb / 1P
Soldering Tips
15/04/13 V1.0
D02261 DURATOOL-D02261 Datasheet
116Kb / 1P
Soldering Iron Gun
D02262 DURATOOL-D02262 Datasheet
176Kb / 1P
Soldering Tips
15/04/13 V1.0
More results


Similar Description - D02265

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KDD40 ETC1-KDD40 Datasheet
150Kb / 4P
DC-DC CONVERTER 33 ~ 48W
logo
Volgen Kaga Electronics...
STD-1203 VOLGEN-STD-1203 Datasheet
103Kb / 2P
ADAPTER - 36W / 48W/ 60W
logo
List of Unclassifed Man...
SPG40 ETC2-SPG40 Datasheet
68Kb / 1P
Weller Replacement Soldering Iron, 40 watts, for WLC100 Soldering Station
WX2021 ETC2-WX2021 Datasheet
46Kb / 1P
Weller High Powered Digital Soldering Station, 200W, 120 V W/WXMP WXMT
WD1001 ETC2-WD1001 Datasheet
44Kb / 1P
Digital 85W Soldering Station, 120 V
PES51 ETC2-PES51 Datasheet
95Kb / 1P
50 watt Soldering Pencil for WES51 Soldering Station
D00669 ETC2-D00669 Datasheet
28Kb / 2P
Temperature Controlled Soldering Station
WESD51 ETC1-WESD51 Datasheet
114Kb / 1P
Digital Soldering Station; Power Unit, Soldering Pencil, Stand, Sponge
logo
Inventronics Inc.
DS-EBV-048SXXXSVF INVENTRONICS-DS-EBV-048SXXXSVF Datasheet
348Kb / 8P
48W Constant Voltage IP67 Driver
Rev. B
LUC-048SXXXDSP INVENTRONICS-LUC-048SXXXDSP Datasheet
934Kb / 8P
48W Constant Current IP66 Driver
Rev. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com