Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX9832 Datasheet (PDF) - Texas Instruments

TMUX9832 Datasheet PDF - Texas Instruments
Part # TMUX9832
Download  TMUX9832 Download
File Size   474.26 Kbytes
Page   4 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMUX9832 No High Voltage Bias, Beyond the Supply, 220V 1:1, 32-Channel Switch With Latch-Up Immunity

TMUX9832 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMUX9832 Datasheet PDF - Texas Instruments

Part # TMUX9832
Download  TMUX9832 Click to download

File Size   474.26 Kbytes
Page   4 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMUX9832 No High Voltage Bias, Beyond the Supply, 220V 1:1, 32-Channel Switch With Latch-Up Immunity

TMUX9832 Datasheet (HTML) - Texas Instruments


TMUX9832 Product details

1 Features
• Only +5V bias supply required
– Very low power: 9.5mW (typ) all 32CH switching at 50kHz
• Wide input signal range:
– Up to ±110V, 220VPP
– ±120V, 240VPP voltage overshoots supported
– 305MHz small signal frequency range supported
– ≥50MHz large signal frequency range supported
• Low off capacitance: 10.7pF
• Low on resistance
• Up to 100MHz data shift clock frequency
• Logic levels: 1.8V to 5V
• Integrated NDIN to invert input data polarity
• Fast turn-on time: 3μs (maximum)
• Excellent HD2PC performance: ≥50dB at 5MHz
• Excellent off isolation performance: -68dB at 5MHz
• Small BGA and QFN package options with optimized pin-out
• Integrated thermal shutdown for improved system reliability
• Integrated bleed resistors on the outputs
• Latch-up immunity by device construction
• Extended temperature range: –40°C to 125°C




Similar Part No. - TMUX9832

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX9832 TI1-TMUX9832 Datasheet
570Kb / 7P
TMUX9832 No High Voltage Bias, Beyond the Supply, 220 V 1:1, 32-Channel Switch With Latch-Up Immunity
JUNE 2023
TMUX9832 TI-TMUX9832 Datasheet
574Kb / 8P
TMUX9832 No High Voltage Bias, Beyond the Supply, 220 V 1:1, 32-Channel Switch With Latch-Up Immunity
JUNE 2023
TMUX9832 TI2-TMUX9832 Datasheet
539Kb / 7P
TMUX9832 No High Voltage Bias, Beyond the Supply, 220 V 1:1, 32-Channel Switch With Latch-Up Immunity
JUNE 2023
TMUX9832 TI-TMUX9832_V01 Datasheet
574Kb / 8P
TMUX9832 No High Voltage Bias, Beyond the Supply, 220 V 1:1, 32-Channel Switch With Latch-Up Immunity
JUNE 2023
More results


Similar Description - TMUX9832

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC16373 STMICROELECTRONICS-74AC16373 Datasheet
279Kb / 10P
IMPROVED LATCH-UP IMMUNITY
Feb-2003
logo
Texas Instruments
TMUX7234 TI-TMUX7234 Datasheet
1Mb / 36P
TMUX7234 44-V, Low Ron, 2:1, 4 Channel Precision Switch with Latch-Up Immunity and 1.8-V Logic
TMUX7411F TI-TMUX7411F_V01 Datasheet
2Mb / 42P
TMUX741xF 짹60 V Fault-Protected, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
NOVEMBER 2021
TMUX8212 TI-TMUX8212 Datasheet
1Mb / 28P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
OCTOBER 2021
TMUX8212 TI-TMUX8212_V02 Datasheet
1Mb / 37P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
REVISED DECEMBER 2021
logo
Microchip Technology
HV2803 MICROCHIP-HV2803 Datasheet
1,014Kb / 32P
No High-Voltage Bias, Low Harmonic Distortion, 32-Channel, High-Voltage Analog Switch
Revision C May 2019
logo
Texas Instruments
TMUX7201 TI-TMUX7201 Datasheet
1Mb / 39P
TMUX720x 44 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With Latch-Up Immunity and 1.8-V Logic
REVISED MARCH 2023
TMUX9832 TI1-TMUX9832 Datasheet
570Kb / 7P
TMUX9832 No High Voltage Bias, Beyond the Supply, 220 V 1:1, 32-Channel Switch With Latch-Up Immunity
JUNE 2023
TMUX9616 TI-TMUX9616 Datasheet
1Mb / 32P
TMUX9616 220-V High Voltage 1:1, 16-Channel Switch with Latch-Up Immunity
SEPTEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com