Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5PB1102CMG Datasheet (PDF) - Renesas Technology Corp

5PB1102CMG Datasheet PDF - Renesas Technology Corp
Part # 5PB1102CMG
Download  5PB1102CMG Download
File Size   2041.86 Kbytes
Page   38 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1.8V to 3.3V High-Performance LVCMOS Clock Buffer Family

5PB1102CMG Datasheet (PDF)

Go To PDF Page Download Datasheet
5PB1102CMG Datasheet PDF - Renesas Technology Corp

Part # 5PB1102CMG
Download  5PB1102CMG Click to download

File Size   2041.86 Kbytes
Page   38 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1.8V to 3.3V High-Performance LVCMOS Clock Buffer Family

5PB1102CMG Datasheet (HTML) - Renesas Technology Corp


5PB1102CMG Product details

▪ High-performance 1:2, 1:4, 1:6, 1:8, 1:10 LVCMOS clock buffer
▪ Very low pin-to-pin skew: < 50ps
▪ Very low additive jitter: < 50fs
▪ Supply voltage: 1.8V to 3.3V
▪ 3.3V tolerant input clock
▪ fMAX = 200MHz
▪ Integrated serial termination for 50Ω channel
▪ Packaged in 8-, 14-, 16-, 20-pin TSSOP and as small as
2.0 × 2.0 mm DFN and 3.0 × 3.0 mm VFQFPN packages
▪ Industrial (-40°C to +85°C) and extended (-40°C to +105°C)
temperature ranges
▪ 5PB1104 available in AEC-Q100 qualified, Automotive Grade 1
(-40°C to +125°C)
▪ 5PB1110 available in AEC-Q100 qualified, Automotive Grade 2
(-40°C to +105°C)




Similar Part No. - 5PB1102CMG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5PB1102CMG RENESAS-5PB1102CMG Datasheet
1Mb / 38P
1.8V to 3.3V High-Performance LVCMOS Clock Buffer Family
September 22, 2026
logo
Integrated Device Techn...
5PB1102CMGI IDT-5PB1102CMGI Datasheet
504Kb / 19P
1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
5PB1102CMGI IDT-5PB1102CMGI Datasheet
479Kb / 21P
1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
logo
Renesas Technology Corp
5PB1102CMGI RENESAS-5PB1102CMGI Datasheet
1Mb / 35P
High-performance 1:2, 1:4, 1:6, 1:8, 1:10 LVCMOS clock buffer
logo
Integrated Device Techn...
5PB1102CMGI8 IDT-5PB1102CMGI8 Datasheet
504Kb / 19P
1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
More results


Similar Description - 5PB1102CMG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3V1102C ONSEMI-NB3V1102C Datasheet
318Kb / 11P
3.3V/2.5V/1.8V LVCMOS Low Skew Fanout Buffer Family
August, 2015 ??Rev. 1
logo
Integrated Device Techn...
5P8390X IDT-5P8390X Datasheet
373Kb / 18P
High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer
5PB11XX IDT-5PB11XX Datasheet
504Kb / 19P
1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
5PB12XX IDT-5PB12XX Datasheet
316Kb / 15P
3-Channel High-Performance TCXO/LVCMOS Clock Buffer Family
5PB1102PGG IDT-5PB1102PGG Datasheet
479Kb / 21P
1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
5PB11XX IDT-5PB11XX_18 Datasheet
678Kb / 21P
LVCMOS High-Performance Clock Buffer Family
5PB12XX IDT-5PB12XX_18 Datasheet
379Kb / 15P
3-Channel High-Performance TCXO/LVCMOS Clock Buffer Family
logo
Renesas Technology Corp
2304NZL RENESAS-2304NZL Datasheet
533Kb / 16P
1.8V to 3.3V, High-Performance 1:4 Clock Buffer
JANUARY 31, 2017
5P8390X RENESAS-5P8390X Datasheet
567Kb / 19P
High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer with OE
2019
5PB12XX RENESAS-5PB12XX Datasheet
741Kb / 16P
High-Performance TCXO/LVCMOS Clock Buffer Family
June 7, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com