Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D03411 Datasheet (PDF) - Premier Farnell Limited.

D03411 Datasheet PDF - Premier Farnell Limited.
Part # D03411
Download  D03411 Download
File Size   154.24 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description 50kg Hanging Scale

D03411 Datasheet (PDF)

Go To PDF Page Download Datasheet
D03411 Datasheet PDF - Premier Farnell Limited.

Part # D03411
Download  D03411 Click to download

File Size   154.24 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description 50kg Hanging Scale

D03411 Datasheet (HTML) - Premier Farnell Limited.


D03411 Product details

Features
Backlit, LCD display
kg, lb, jin, oz unit measurement
Tare, counting and zero functions
Auto shutdown
Supplied with 2x AAA batteries




Similar Part No. - D03411

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D03410 DURATOOL-D03410 Datasheet
150Kb / 1P
Digital Weighing Scales
03/04/23 V1.1
D03412 DURATOOL-D03412 Datasheet
208Kb / 1P
Digital Kitchen Weighing Scales
08/10/20 V1.0
D03413 DURATOOL-D03413 Datasheet
208Kb / 1P
Digital Kitchen Weighing Scales
08/10/20 V1.0
D03414 DURATOOL-D03414 Datasheet
208Kb / 1P
Digital Kitchen Weighing Scales
08/10/20 V1.0
D03419 DURATOOL-D03419 Datasheet
210Kb / 1P
Flexible Helping Hands
15/01/21 V1.0
More results


Similar Description - D03411

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6023EBT MAXIM-MAX6023EBT Datasheet
95Kb / 8P
CHIP SCALE DEVICES
Rev. A July 17, 2003
logo
MolexKits
76650-0061 MOLEXKITS-76650-0061 Datasheet
38Kb / 2P
Free Hanging Plug and Receptacle, 1 Circuit
76650-0160 MOLEXKITS-76650-0160 Datasheet
39Kb / 3P
Free Hanging Plug and Receptacle
logo
Protek Devices
CSP040605C PROTEC-CSP040605C_12 Datasheet
543Kb / 8P
200W CHIP SCALE
logo
Tyco Electronics
292156-6 MACOM-292156-6 Datasheet
56Kb / 1P
FREE HANGING TYPE RELAY POST HEADER ASSY
logo
Extech Instruments Corp...
SC50 EXTECH-SC50 Datasheet
246Kb / 1P
Electronic Digital Scale
logo
TE Connectivity Ltd
C-2106136 TEC-C-2106136 Datasheet
352Kb / 1P
ASSEMBLY, RECEPTACLE, FREE HANGING, SLIMSEAL SSL CONNECTOR
logo
Banner Engineering Corp...
WLB92 BANNER-WLB92 Datasheet
354Kb / 3P
Hanging Bracket Kit
logo
Carlo Gavazzi Holding A...
VH3 CARLOGAVAZZI-VH3 Datasheet
409Kb / 2P
Conductive Sensors Level Hanging Probes Types VH3, VH4
logo
SparkFun Electronics
SEN-3331 SPARKFUN-SEN-3331 Datasheet
95Kb / 2P
Load Cell - 50kg, Disc (TAS606)
9??8??7
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com