Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D03413 Datasheet (PDF) - Premier Farnell Limited.

D03413 Datasheet PDF - Premier Farnell Limited.
Part # D03413
Download  D03413 Download
File Size   208.66 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Digital Kitchen Weighing Scales

D03413 Datasheet (PDF)

Go To PDF Page Download Datasheet
D03413 Datasheet PDF - Premier Farnell Limited.

Part # D03413
Download  D03413 Click to download

File Size   208.66 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Digital Kitchen Weighing Scales

D03413 Datasheet (HTML) - Premier Farnell Limited.


D03413 Product details

Features
Backlit, LCD display
g, oz, ml unit measurement
Tare function
150mm × 210mm Stainless steel pan
Auto shut down and low battery indication
Supplied with 2x AAA batteries

Features
Backlit, LCD display
g, lb, oz, ml unit measurement
Tare and counting functions
140x180mm Stainless steel pan
Auto shut down and low battery indication
Supplied with 2x AAA batteries




Similar Part No. - D03413

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D03410 DURATOOL-D03410 Datasheet
150Kb / 1P
Digital Weighing Scales
03/04/23 V1.1
D03411 DURATOOL-D03411 Datasheet
154Kb / 1P
50kg Hanging Scale
08/10/20 V1.0
D03419 DURATOOL-D03419 Datasheet
210Kb / 1P
Flexible Helping Hands
15/01/21 V1.0
More results


Similar Description - D03413

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16641 NEC-UPD16641 Datasheet
151Kb / 20P
SOURCE DRIVER FOR 240-OUTPUT TFT-LCD 64 GRAY SCALES
logo
Renesas Technology Corp
R8C-MS RENESAS-R8C-MS Datasheet
123Kb / 22P
Sample Program: Musical Scales
logo
List of Unclassifed Man...
CBC4 ETC2-CBC4 Datasheet
206Kb / 2P
CBC Bench Counting Scales
logo
Renesas Technology Corp
PD16641 RENESAS-PD16641_15 Datasheet
322Kb / 21P
240-OUTPUT TFT-LCD SOURCE DRIVER (64-GRAY SCALES)
PD160040 RENESAS-PD160040_15 Datasheet
295Kb / 22P
384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
logo
IK Semicon Co., Ltd
KL7107 IKSEMICON-KL7107 Datasheet
415Kb / 11P
Guaranteed Zero Reading for 0V Input on All Scales
logo
Avia Semiconductor Co.,...
HX711 AVIA-HX711 Datasheet
268Kb / 9P
24-Bit Analog-to-Digital Converter (ADC) for Weigh Scales
logo
Core Technology (Shenzh...
CS1270 CHIPSEA-CS1270 Datasheet
719Kb / 23P
WeIghIng Special Chip Users Manual
logo
Schneider Electric
PMESWT0100 SCHNEIDER-PMESWT0100 Datasheet
164Kb / 4P
Partner Module Ethernet System Weighing Transmitter - 1 channel
Apr 20, 2022
logo
Sciosense B.V.
PS09 SCIOSENSE-PS09 Datasheet
384Kb / 3P
PS09 – Soc for Weighing and Force Measurement
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com