Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D03455 Datasheet (PDF) - Premier Farnell Limited.

D03455 Datasheet PDF - Premier Farnell Limited.
Part # D03455
Download  D03455 Download
File Size   210.55 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description 3-in-1 Trolley & Sack Truck

D03455 Datasheet (PDF)

Go To PDF Page Download Datasheet
D03455 Datasheet PDF - Premier Farnell Limited.

Part # D03455
Download  D03455 Click to download

File Size   210.55 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description 3-in-1 Trolley & Sack Truck

D03455 Datasheet (HTML) - Premier Farnell Limited.


D03455 Product details

Features
A heavy duty, three-way truck ideal for warehouse, retail, and industrial use, and also suitable for use around the home and garden
Manufactured from robust tubular steel with a 250kg load capacity
Fitted with 10” × 3.5” pneumatic tyres for added stability
Large folding toe plate and an additional support frame
Can stand upright, fold into a flatbed truck or be used on an angle
Support of a 4” swivel mounted wheel




Similar Part No. - D03455

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D03450 DURATOOL-D03450 Datasheet
175Kb / 1P
High Back Sack Truck
04/01/21 V1.0
D03451 DURATOOL-D03451 Datasheet
176Kb / 1P
Sack Truck with Large Folding Toe Plate
04/01/21 V1.0
D03452 DURATOOL-D03452 Datasheet
205Kb / 1P
Stair Climber Sack Truck
04/01/21 V1.0
D03453 DURATOOL-D03453 Datasheet
206Kb / 1P
Platform Truck / Trolley
04/01/21 V1.0
D03456 DURATOOL-D03456 Datasheet
287Kb / 1P
Service Cart / Trolley
04/01/21 V1.0
More results


Similar Description - D03455

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HTG1395 HOLTEK-HTG1395 Datasheet
653Kb / 21P
3-in-1 LCD Game
August 18, 2000
logo
Sanyo Semicon Device
LV7980 SANYO-LV7980 Datasheet
78Kb / 6P
3 in 1 RGB Driver
logo
Sumida Corporation
CLS3D23 SUMIDA-CLS3D23_1 Datasheet
304Kb / 3P
2 in 1 Inductor & 3 in 1 Inductor
logo
PHOENIX CONTACT
5053489 PHOENIX-5053489 Datasheet
34Kb / 1P
TOOL TROLLEY
5053492 PHOENIX-5053492 Datasheet
44Kb / 1P
TOOL TROLLEY HOOK
11/05/2018
5053502 PHOENIX-5053502 Datasheet
44Kb / 1P
TOOL TROLLEY DIVIDER 50
11/05/2018
5053515 PHOENIX-5053515 Datasheet
44Kb / 1P
TOOL TROLLEY DIVIDER 100
11/05/2018
5053531 PHOENIX-5053531 Datasheet
44Kb / 1P
TOOL TROLLEY ADAPTER SHEET
09/12/2020
logo
List of Unclassifed Man...
D01955 ETC-D01955 Datasheet
152Kb / 1P
150kg Platform Truck
28/08/14
logo
TE Connectivity Ltd
408-10393 TEC-408-10393 Datasheet
504Kb / 5P
Truck Light Connector System
2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com