Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS-153T Datasheet (PDF) - Premier Farnell Limited.

JS-153T Datasheet PDF - Premier Farnell Limited.
Part # JS-153T
Download  JS-153T Download
File Size   132.0 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Watch Case Opener

JS-153T Datasheet (PDF)

Go To PDF Page Download Datasheet
JS-153T Datasheet PDF - Premier Farnell Limited.

Part # JS-153T
Download  JS-153T Click to download

File Size   132.0 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Watch Case Opener

JS-153T Datasheet (HTML) - Premier Farnell Limited.


JS-153T Product details

Description
Watch Case Opener Jaxa made up of Steel & Handle of ALuminium. It has 4 different shapes Bits which are Hardened.

Features
11/16″ to 1-3/8″ (17mm to 35mm) adjustable stud width
Works with two or three studs for a variety of watch back types
Tool length: 5-1




Similar Part No. - JS-153T

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
JS-1500 KEYSIGHT-JS-1500 Datasheet
165Kb / 4P
In-depth jitter characterization of clock and data devices from 50 kHz to 20 GHz
logo
List of Unclassifed Man...
JS-152 ETC2-JS-152 Datasheet
50Kb / 1P
ACTUATOR-SWITCH
More results


Similar Description - JS-153T

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GWX GOLLEDGE-GWX Datasheet
58Kb / 1P
Watch Crysatals
logo
Advanced Crystal Techno...
ACT1X5 ACT-ACT1X5 Datasheet
82Kb / 1P
Watch Crystal
03-10-07
logo
Golledge Electronics Lt...
GWX GOLLEDGE-GWX_07 Datasheet
53Kb / 1P
Watch Crystals
logo
BOWIN ELECTRONIC CO.
LS6037 BOWIN-LS6037 Datasheet
21Kb / 1P
Math Watch
logo
Advanced Crystal Techno...
J206SMX ACT-J206SMX Datasheet
179Kb / 2P
Watch crystal
01/02/2017
OJ00003GIHD-PF ACT-OJ00003GIHD-PF Datasheet
134Kb / 1P
Watch crystal
01/02/2017
logo
PHOENIX CONTACT
1853612 PHOENIX-1853612 Datasheet
69Kb / 3P
Corrugated pipe opener - WR-OEF-PG21
1853638 PHOENIX-1853638 Datasheet
59Kb / 2P
Corrugated pipe opener - WR-OEF-PG16
1853641 PHOENIX-1853641 Datasheet
72Kb / 3P
Corrugated pipe opener - WR-OEF-PG29
logo
D+H Mechatronic AG
DDS54 DH-DDS54 Datasheet
295Kb / 3P
Door opener drives
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com