Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS-153T Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # JS-153T
Description  Watch Case Opener
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

JS-153T Datasheet(HTML) 1 Page - Premier Farnell Limited.

  JS-153T Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
01/07/20
Watch Case Opener
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. DURATOOL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Watch Case Opener
JS-153T
Description
Watch Case Opener Jaxa made up of Steel & Handle of ALuminium. It has 4 different shapes Bits which are Hardened.
Features
• 11/16″ to 1-3/8″ (17mm to 35mm) adjustable stud width
• Works with two or three studs for a variety of watch back types
• Tool length: 5-1


Similar Part No. - JS-153T

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
JS-1500 KEYSIGHT-JS-1500 Datasheet
165Kb / 4P
In-depth jitter characterization of clock and data devices from 50 kHz to 20 GHz
logo
List of Unclassifed Man...
JS-152 ETC2-JS-152 Datasheet
50Kb / 1P
ACTUATOR-SWITCH
More results

Similar Description - JS-153T

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GWX GOLLEDGE-GWX Datasheet
58Kb / 1P
Watch Crysatals
logo
Advanced Crystal Techno...
ACT1X5 ACT-ACT1X5 Datasheet
82Kb / 1P
Watch Crystal
03-10-07
logo
Golledge Electronics Lt...
GWX GOLLEDGE-GWX_07 Datasheet
53Kb / 1P
Watch Crystals
logo
BOWIN ELECTRONIC CO.
LS6037 BOWIN-LS6037 Datasheet
21Kb / 1P
Math Watch
logo
Advanced Crystal Techno...
J206SMX ACT-J206SMX Datasheet
179Kb / 2P
Watch crystal
01/02/2017
OJ00003GIHD-PF ACT-OJ00003GIHD-PF Datasheet
134Kb / 1P
Watch crystal
01/02/2017
logo
PHOENIX CONTACT
1853612 PHOENIX-1853612 Datasheet
69Kb / 3P
Corrugated pipe opener - WR-OEF-PG21
1853638 PHOENIX-1853638 Datasheet
59Kb / 2P
Corrugated pipe opener - WR-OEF-PG16
1853641 PHOENIX-1853641 Datasheet
72Kb / 3P
Corrugated pipe opener - WR-OEF-PG29
logo
D+H Mechatronic AG
DDS54 DH-DDS54 Datasheet
295Kb / 3P
Door opener drives
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com