Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2040 Datasheet (PDF) - Infinite Electronics International, Inc.

SC2040 Datasheet PDF - Infinite Electronics International, Inc.
Part # SC2040
Download  SC2040 Download
File Size   418.89 Kbytes
Page   2 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 2.4mm Male Open Circuit Connector Cap

SC2040 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC2040 Datasheet PDF - Infinite Electronics International, Inc.

Part # SC2040
Download  SC2040 Click to download

File Size   418.89 Kbytes
Page   2 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 2.4mm Male Open Circuit Connector Cap

SC2040 Datasheet (HTML) - Infinite Electronics International, Inc.




Similar Part No. - SC2040

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC2040C FAIRVIEW-SC2040C Datasheet
420Kb / 2P
2.4mm Male Open Circuit Connector Cap with 3.5 Inch Chain
REV 1.2
logo
Schneider Electric
SC2040M125PF SCHNEIDER-SC2040M125PF Datasheet
98Kb / 2P
Homeline All In One service entrance device, semi flush, ringed socket, no bypass, OH, UG, 125 A, 20 spaces, solar ready
SC2040M200C SCHNEIDER-SC2040M200C Datasheet
108Kb / 2P
ALL-IN-ONE RING TYPE OH/UG 200A SURFACE
SC2040M200C150 SCHNEIDER-SC2040M200C150 Datasheet
131Kb / 2P
ALL-IN-ONE RING T-150A BRKR-SPECIAL
SC2040M200F125 SCHNEIDER-SC2040M200F125 Datasheet
65Kb / 2P
ALL IN ONE RING TYPE OH/UG 125A SEM
More results


Similar Description - SC2040

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5500-1 PASTERNACK-PE5500-1 Datasheet
81Kb / 1P
3.5mm MALE, OPEN CIRCUIT
PE9451 PASTERNACK-PE9451 Datasheet
244Kb / 2P
Precision 2.4mm Male to 2.4mm Male Adapter
PE6192 PASTERNACK-PE6192 Datasheet
192Kb / 2P
2.4mm Male Shorting Dust Cap
PE6194 PASTERNACK-PE6194 Datasheet
195Kb / 2P
2.4mm Male Shorting Dust Cap With 3.5 Inch Chain
PE35654-12 PASTERNACK-PE35654-12 Datasheet
637Kb / 4P
2.4mm Male to 2.4mm Female Cable
PE35654-36 PASTERNACK-PE35654-36 Datasheet
636Kb / 4P
2.4mm Male to 2.4mm Female Cable
PE6192 PASTERNACK-PE6192_16 Datasheet
412Kb / 3P
2.4mm Male Shorting Dust Cap
PE6194 PASTERNACK-PE6194_16 Datasheet
418Kb / 3P
2.4mm Male Shorting Dust Cap With 3.5 Inch Chain
PE45456 PASTERNACK-PE45456 Datasheet
538Kb / 6P
2.4mm Male Connector
PE45457 PASTERNACK-PE45457 Datasheet
550Kb / 6P
2.4mm Male Connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com