Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2040C Datasheet (PDF) - Infinite Electronics International, Inc.

SC2040C Datasheet PDF - Infinite Electronics International, Inc.
Part # SC2040C
Download  SC2040C Download
File Size   420.07 Kbytes
Page   2 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 2.4mm Male Open Circuit Connector Cap with 3.5 Inch Chain

SC2040C Datasheet (PDF)

Go To PDF Page Download Datasheet
SC2040C Datasheet PDF - Infinite Electronics International, Inc.

Part # SC2040C
Download  SC2040C Click to download

File Size   420.07 Kbytes
Page   2 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 2.4mm Male Open Circuit Connector Cap with 3.5 Inch Chain

SC2040C Datasheet (HTML) - Infinite Electronics International, Inc.




Similar Part No. - SC2040C

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC2040 FAIRVIEW-SC2040 Datasheet
418Kb / 2P
2.4mm Male Open Circuit Connector Cap
REV 1.1
logo
Schneider Electric
SC2040M125PF SCHNEIDER-SC2040M125PF Datasheet
98Kb / 2P
Homeline All In One service entrance device, semi flush, ringed socket, no bypass, OH, UG, 125 A, 20 spaces, solar ready
SC2040M200C SCHNEIDER-SC2040M200C Datasheet
108Kb / 2P
ALL-IN-ONE RING TYPE OH/UG 200A SURFACE
SC2040M200C150 SCHNEIDER-SC2040M200C150 Datasheet
131Kb / 2P
ALL-IN-ONE RING T-150A BRKR-SPECIAL
SC2040M200F125 SCHNEIDER-SC2040M200F125 Datasheet
65Kb / 2P
ALL IN ONE RING TYPE OH/UG 125A SEM
More results


Similar Description - SC2040C

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6057 PASTERNACK-PE6057 Datasheet
234Kb / 2P
Non-Shorting 7/16 DIN Male With 3.5 Inch Chain Dust Cap
PE6134 PASTERNACK-PE6134 Datasheet
459Kb / 2P
Shorting TNC Male With 4 Inch Chain Dust Cap
PE6110 PASTERNACK-PE6110 Datasheet
237Kb / 2P
Non-Shorting Dust Cap for C Female With 3.5 Inch Chain
PE6194 PASTERNACK-PE6194 Datasheet
195Kb / 2P
2.4mm Male Shorting Dust Cap With 3.5 Inch Chain
PE6195 PASTERNACK-PE6195 Datasheet
193Kb / 2P
2.4mm Female Shorting Dust Cap With 3.5 Inch Chain
PE6110 PASTERNACK-PE6110_16 Datasheet
416Kb / 3P
C Female Non-Shorting Dust Cap With 3.5 Inch Chain
PE6127 PASTERNACK-PE6127_16 Datasheet
417Kb / 3P
BNC Male Shorting Dust Cap With 4 Inch Chain
PE6134 PASTERNACK-PE6134_16 Datasheet
417Kb / 3P
TNC Male Shorting Dust Cap With 4 Inch Chain
PE6194 PASTERNACK-PE6194_16 Datasheet
418Kb / 3P
2.4mm Male Shorting Dust Cap With 3.5 Inch Chain
PE6195 PASTERNACK-PE6195_16 Datasheet
416Kb / 3P
2.4mm Female Shorting Dust Cap With 3.5 Inch Chain
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com