Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2040C Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC2040C
Description  2.4mm Male Open Circuit Connector Cap with 3.5 Inch Chain
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC2040C Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC2040C Datasheet HTML 1Page - Infinite Electronics International, Inc. SC2040C Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
REV 1.2 Page 1 of 2
Copyright © 2020
Mechanical Specifications
Configuration
Connector
2.4mm Male Non-Shorting
Chain Option
3.5 in Beaded Chain
.
Hex Size
5/16
Torque
8 in-lbs [0.9 Nm]
.
Description
Material
Plating
Body
Passivated Stainless Steel
Coupling Nut
Passivated Stainless Steel
Gasket
Silicone
Chain
Brass
Nickel
Size
Length
0.522 in [13.26 mm]
.
Weight
0.0127 lbs [5.76 g]
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
2.4mm Male Open Circuit Connector Cap with 3.5 Inch Chain from Fairview
Microwave is in-stock and available to ship same-day. All of our RF/microwave
products are available off-the-shelf from our ISO 9001:2008 certified facilities in
Lewisville, Texas. Fairview Microwave is RF on-demand.
For additional information on this product, please click the following link: 2.4mm
Male Open Circuit Connector Cap with 3.5 Inch Chain SC2040C
URL: https://www.fairviewmicrowave.com/2.4mm-male-open-circuit-connector-
cap-3.5-inch-chain-sc2040c-p.aspx
SC2040C
DATA SHEET
2.4mm Male Open Circuit Connector Cap with
3.5 Inch Chain
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com


Similar Part No. - SC2040C

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC2040 FAIRVIEW-SC2040 Datasheet
418Kb / 2P
2.4mm Male Open Circuit Connector Cap
REV 1.1
logo
Schneider Electric
SC2040M125PF SCHNEIDER-SC2040M125PF Datasheet
98Kb / 2P
Homeline All In One service entrance device, semi flush, ringed socket, no bypass, OH, UG, 125 A, 20 spaces, solar ready
SC2040M200C SCHNEIDER-SC2040M200C Datasheet
108Kb / 2P
ALL-IN-ONE RING TYPE OH/UG 200A SURFACE
SC2040M200C150 SCHNEIDER-SC2040M200C150 Datasheet
131Kb / 2P
ALL-IN-ONE RING T-150A BRKR-SPECIAL
SC2040M200F125 SCHNEIDER-SC2040M200F125 Datasheet
65Kb / 2P
ALL IN ONE RING TYPE OH/UG 125A SEM
More results

Similar Description - SC2040C

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6057 PASTERNACK-PE6057 Datasheet
234Kb / 2P
Non-Shorting 7/16 DIN Male With 3.5 Inch Chain Dust Cap
PE6134 PASTERNACK-PE6134 Datasheet
459Kb / 2P
Shorting TNC Male With 4 Inch Chain Dust Cap
PE6110 PASTERNACK-PE6110 Datasheet
237Kb / 2P
Non-Shorting Dust Cap for C Female With 3.5 Inch Chain
PE6194 PASTERNACK-PE6194 Datasheet
195Kb / 2P
2.4mm Male Shorting Dust Cap With 3.5 Inch Chain
PE6195 PASTERNACK-PE6195 Datasheet
193Kb / 2P
2.4mm Female Shorting Dust Cap With 3.5 Inch Chain
PE6110 PASTERNACK-PE6110_16 Datasheet
416Kb / 3P
C Female Non-Shorting Dust Cap With 3.5 Inch Chain
PE6127 PASTERNACK-PE6127_16 Datasheet
417Kb / 3P
BNC Male Shorting Dust Cap With 4 Inch Chain
PE6134 PASTERNACK-PE6134_16 Datasheet
417Kb / 3P
TNC Male Shorting Dust Cap With 4 Inch Chain
PE6194 PASTERNACK-PE6194_16 Datasheet
418Kb / 3P
2.4mm Male Shorting Dust Cap With 3.5 Inch Chain
PE6195 PASTERNACK-PE6195_16 Datasheet
416Kb / 3P
2.4mm Female Shorting Dust Cap With 3.5 Inch Chain
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com