Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC221 Datasheet (PDF) - STMicroelectronics

M74HC221 Datasheet PDF - STMicroelectronics
Part # M74HC221
Download  M74HC221 Download
File Size   288.34 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL MONOSTABLE MULTIVIBRATOR

M74HC221 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HC221 Datasheet PDF - STMicroelectronics

Part # M74HC221
Download  M74HC221 Click to download

File Size   288.34 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL MONOSTABLE MULTIVIBRATOR

M74HC221 Datasheet (HTML) - STMicroelectronics


M74HC221 Product details

DESCRIPTION
The M54/74HC221/221A are high speed CMOS MONOSTABLE multivibrators fabricated with silicon gate C2MOS technology. It achieves the high speed operation similar to equivalent LSTTL while maintaining the CMOS low power dissipation. There are two trigger inputs, AINPUT (negative edge) and B INPUT (positive edge). Triggering on the B input occurs at a particular voltage threshold and is not related to the rise and fall time of the applied pulse.

■ HIGH SPEED
    tPD = 25 ns (TYP) at VCC = 5V
■ LOW POWER DISSIPATION
    STANDBYSTATE ICC=4 µA (MAX.) AT TA=25°C
    ACTIVESTATE ICC =700µA (MAX.)AT VCC=5V
■ HIGH NOISE IMMUNITY
    VNIH = VNIL = 28 % VCC (MIN.)
■ OUTPUT DRIVE CAPABILITY
    10 LSTTL LOADS
■ SYMMETRICAL OUTPUT IMPEDANCE
    IOH = IOL = 4 mA (MIN.)
■ BALANCED PROPAGATION DELAYS
    tPLH = tPHL
■ WIDE OPERATING VOLTAGE RANGE
    VCC (OPR) = 2 V TO 6 V
■ WIDE OUTPUT PULSE WIDTH RANGE
    tWOUT = 150 ns ∼ 60 s OVER AT VCC = 4.5 V
■ PIN AND FUNCTION COMPATIBLE WITH 54/74LS221




Similar Part No. - M74HC221

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC221 STMICROELECTRONICS-M74HC221 Datasheet
374Kb / 14P
DUAL MONOSTABLE MULTIVIBRATOR
Jul-2001
M74HC221B1R STMICROELECTRONICS-M74HC221B1R Datasheet
374Kb / 14P
DUAL MONOSTABLE MULTIVIBRATOR
Jul-2001
M74HC221M1R STMICROELECTRONICS-M74HC221M1R Datasheet
374Kb / 14P
DUAL MONOSTABLE MULTIVIBRATOR
Jul-2001
M74HC221RM13TR STMICROELECTRONICS-M74HC221RM13TR Datasheet
374Kb / 14P
DUAL MONOSTABLE MULTIVIBRATOR
Jul-2001
M74HC221TTR STMICROELECTRONICS-M74HC221TTR Datasheet
374Kb / 14P
DUAL MONOSTABLE MULTIVIBRATOR
Jul-2001
More results


Similar Description - M74HC221

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
Dual Monostable Multivibrator
MM54C221 NSC-MM54C221 Datasheet
148Kb / 6P
Dual Monostable Multivibrator
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B Datasheet
104Kb / 8P
Dual monostable multivibrator
January 1995
logo
STMicroelectronics
HCC4098B STMICROELECTRONICS-HCC4098B Datasheet
324Kb / 14P
DUAL MONOSTABLE MULTIVIBRATOR
Jun-1989
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
DUAL MONOSTABLE MULTIVIBRATOR
logo
Toshiba Semiconductor
TC74HC221AP TOSHIBA-TC74HC221AP_07 Datasheet
478Kb / 13P
Dual Monostable Multivibrator
TC74VHC123AF TOSHIBA-TC74VHC123AF_07 Datasheet
318Kb / 15P
Dual Monostable Multivibrator
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
Dual monostable multivibrator
Rev. 11 - 4 March 2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com