Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC221 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC221
Description  DUAL MONOSTABLE MULTIVIBRATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC221 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC221 Datasheet HTML 1Page - STMicroelectronics M74HC221 Datasheet HTML 2Page - STMicroelectronics M74HC221 Datasheet HTML 3Page - STMicroelectronics M74HC221 Datasheet HTML 4Page - STMicroelectronics M74HC221 Datasheet HTML 5Page - STMicroelectronics M74HC221 Datasheet HTML 6Page - STMicroelectronics M74HC221 Datasheet HTML 7Page - STMicroelectronics M74HC221 Datasheet HTML 8Page - STMicroelectronics M74HC221 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
M54HC221/221A
M74HC221/221A
October 1993
DUAL MONOSTABLE MULTIVIBRATOR
B1R
(Plastic Package)
ORDER CODES :
M54HCXXXF1R
M74HCXXXXM1R
M74HCXXXB1R
M74HCXXXC1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
.
HIGH SPEED
tPD = 25 ns (TYP) at VCC =5V
.
LOW POWER DISSIPATION
STANDBY STATE ICC=4
µA (MAX.) AT TA=25°C
ACTIVE STATE ICC = 700
µA (MAX.)AT VCC=5V
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
IOH =IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
WIDE OUTPUT PULSE WIDTH RANGE
tWOUT = 150 ns
∼ 60 s OVER AT VCC = 4.5 V
.
PIN AND FUNCTION COMPATIBLE WITH
54/74LS221
The M54/74HC221/221A are high speed CMOS
MONOSTABLE multivibrators fabricated with sili-
con gate C
2MOS technology. It achieves the high
speed operation similar to equivalent LSTTL while
maintaining the CMOS low power dissipation. There
are two trigger inputs, A INPUT (negative edge) and
B INPUT (positive edge). Triggering on the B input
occurs at a particular voltage threshold and is not re-
lated to the rise and fall time of the applied pulse.
The device may also be triggered by using the CLR
input (positive-edge) because of the Schmitt-trigger
input ; after triggering the output maintains the
MONOSTABLEstate for the time period determined
by the external resistor Rx and capacitor Cx.Taking
CLR low breaks this MONOSTABLE STATE. If the
next trigger pulse occurs during the MONOSTABLE
period it makes the MONOSTABLE period longer.
Limit for values of Cx and Rx :
Cx : NO LIMIT
Rx : VCC < 3.0 V 5 K
Ω to 1 M Ω
VCC
≥ 3.0 V 1 K Ω to 1 M Ω
Two different pulse width constants are available:
K
≅ 0.7 for HC221
K
≅ 1 for HC221A
All inputs are equipped with protection circuits
against static discharge and transient excess volt-
age.
DESCRIPTION
1/14


Similar Part No. - M74HC221

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC221 STMICROELECTRONICS-M74HC221 Datasheet
374Kb / 14P
DUAL MONOSTABLE MULTIVIBRATOR
Jul-2001
M74HC221B1R STMICROELECTRONICS-M74HC221B1R Datasheet
374Kb / 14P
DUAL MONOSTABLE MULTIVIBRATOR
Jul-2001
M74HC221M1R STMICROELECTRONICS-M74HC221M1R Datasheet
374Kb / 14P
DUAL MONOSTABLE MULTIVIBRATOR
Jul-2001
M74HC221RM13TR STMICROELECTRONICS-M74HC221RM13TR Datasheet
374Kb / 14P
DUAL MONOSTABLE MULTIVIBRATOR
Jul-2001
M74HC221TTR STMICROELECTRONICS-M74HC221TTR Datasheet
374Kb / 14P
DUAL MONOSTABLE MULTIVIBRATOR
Jul-2001
More results

Similar Description - M74HC221

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
Dual Monostable Multivibrator
MM54C221 NSC-MM54C221 Datasheet
148Kb / 6P
Dual Monostable Multivibrator
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B Datasheet
104Kb / 8P
Dual monostable multivibrator
January 1995
logo
STMicroelectronics
HCC4098B STMICROELECTRONICS-HCC4098B Datasheet
324Kb / 14P
DUAL MONOSTABLE MULTIVIBRATOR
Jun-1989
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
DUAL MONOSTABLE MULTIVIBRATOR
logo
Toshiba Semiconductor
TC74HC221AP TOSHIBA-TC74HC221AP_07 Datasheet
478Kb / 13P
Dual Monostable Multivibrator
TC74VHC123AF TOSHIBA-TC74VHC123AF_07 Datasheet
318Kb / 15P
Dual Monostable Multivibrator
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
Dual monostable multivibrator
Rev. 11 - 4 March 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com