Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC240 Datasheet (PDF) - STMicroelectronics

M74HC240 Datasheet PDF - STMicroelectronics
Part # M74HC240
Download  M74HC240 Download
File Size   270.82 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HC240: INVERTED - HC241/244 NON INVERTED OCTAL BUS BUFFER WITH 3 STATE OUTPUTS

M74HC240 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HC240 Datasheet PDF - STMicroelectronics

Part # M74HC240
Download  M74HC240 Click to download

File Size   270.82 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HC240: INVERTED - HC241/244 NON INVERTED OCTAL BUS BUFFER WITH 3 STATE OUTPUTS

M74HC240 Datasheet (HTML) - STMicroelectronics


M74HC240 Product details

DESCRIPTION
The M54/74HC240, HC241 and HC244 are high speed CMOS OCTAL BUS BUFFERs fabricated in silicon gate C2MOS technology.

■ HIGH SPEED tPD = 10 ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION ICC = 4 µA (MAX.) at TA = 25 °C
■ HIGH NOISE IMMUNITY VNIH = VINL = 28 % VCC (MIN.)
■ OUTPUT DRIVE CAPABILITY 15 LSTTL LOADS
■ SYMMETRICAL OUTPUT IMPEDANCE |IOH| = IOL = 6 mA (MIN)
■ BALANCED PROPAGATION DELAYS tPLH = tPHL
■ WIDE OPERATING VOLTAGE RANGE VCC (OPR) = 2V to 6V
■ PIN AND FUNCTION COMPATIBLE WITH 54/74LS240/241/244




Similar Part No. - M74HC240

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC240 STMICROELECTRONICS-M74HC240 Datasheet
205Kb / 10P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
Jul-2001
M74HC240B1R STMICROELECTRONICS-M74HC240B1R Datasheet
205Kb / 10P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
Jul-2001
M74HC240HV STMICROELECTRONICS-M74HC240HV Datasheet
210Kb / 10P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HC240HV: INVERTED - HC241HV NON INVERTED
Apr-1993
M74HC240HVB1R STMICROELECTRONICS-M74HC240HVB1R Datasheet
210Kb / 10P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HC240HV: INVERTED - HC241HV NON INVERTED
Apr-1993
M74HC240HVC1R STMICROELECTRONICS-M74HC240HVC1R Datasheet
210Kb / 10P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HC240HV: INVERTED - HC241HV NON INVERTED
Apr-1993
More results


Similar Description - M74HC240

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC541 STMICROELECTRONICS-74VHC541 Datasheet
66Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
Jun-1999
74VHCT541A STMICROELECTRONICS-74VHCT541A Datasheet
63Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
Aug-1999
M54HCT240 STMICROELECTRONICS-M54HCT240 Datasheet
262Kb / 12P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HCT240: INVERTED - HCT241/244 NON INVERTED
Sep-1993
logo
Toshiba Semiconductor
TC74LVX240F TOSHIBA-TC74LVX240F Datasheet
281Kb / 8P
OCTAL BUS BUFFER. INVERTED/NON-INVERTED 3-STATE OUTPUTS
TC74VHC240F TOSHIBA-TC74VHC240F Datasheet
254Kb / 6P
OCTAL BUS BUFFER. INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHC540F TOSHIBA-TC74VHC540F Datasheet
254Kb / 7P
OCTAL BUS BUFFER INVERTED/NON INVERTED, 3-STATE OUTPUTS
06-Aug-1997
TC74VHCT240AF TOSHIBA-TC74VHCT240AF Datasheet
256Kb / 6P
OCTAL BUS BUFFER INVERTED/NON-INVERTED, 3-STATE OUTPUTS
06-Aug-1997
TC74VHCT540AF TOSHIBA-TC74VHCT540AF Datasheet
256Kb / 6P
OCTAL BUS BUFFER. INVERTED/NON INVERTED, 3-STATE OUTPUTS
logo
STMicroelectronics
74AC541 STMICROELECTRONICS-74AC541 Datasheet
84Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
Nov-1998
M74HCT244B1R STMICROELECTRONICS-M74HCT244B1R Datasheet
199Kb / 9P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
Aug-2001
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com