Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC240 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HC240
Description  HC240: INVERTED - HC241/244 NON INVERTED OCTAL BUS BUFFER WITH 3 STATE OUTPUTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC240 Datasheet(HTML) 2 Page - STMicroelectronics

  M74HC240 Datasheet HTML 1Page - STMicroelectronics M74HC240 Datasheet HTML 2Page - STMicroelectronics M74HC240 Datasheet HTML 3Page - STMicroelectronics M74HC240 Datasheet HTML 4Page - STMicroelectronics M74HC240 Datasheet HTML 5Page - STMicroelectronics M74HC240 Datasheet HTML 6Page - STMicroelectronics M74HC240 Datasheet HTML 7Page - STMicroelectronics M74HC240 Datasheet HTML 8Page - STMicroelectronics M74HC240 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CHIP CARRIER
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION (HC240)
PIN No
SYMBOL
NAME AND FUNCTION
1
1G
Output Enable Input
2, 4, 6, 8
1A1 to 1A4
Data Inputs
9, 7, 5, 3
2Y1 to 2Y4
Data Outputs
11, 13, 15,
17
2A1 to 2A4
Data Inputs
18, 16, 14,
12
1Y1 to 1Y4
Data Outputs
19
2G
Output Enabel Input
10
GND
Ground (0V)
20
VCC
Positive Supply Voltage
PIN DESCRIPTION (HC244)
PIN No
SYMBOL
NAME AND FUNCTION
1
1G
Output Enable Input
2, 4, 6, 8
1A1 to 1A4
Data Inputs
9, 7, 5, 3
2Y1 to 2Y4
Data Outputs
11, 13, 15,
17
2A1 to 2A4
Data Inputs
18, 16, 14,
12
1Y1 to 1Y4
Data Outputs
19
2G
Output Enabel Input
10
GND
Ground (0V)
20
VCC
Positive Supply Voltage
PIN DESCRIPTION (HC241)
PIN No
SYMBOL
NAME AND FUNCTION
1
1G
Output Enable Input
2, 4, 6, 8
1A1 to 1A4
Data Inputs
9, 7, 5, 3
2Y1 to 2Y4
Data Outputs
11, 13, 15,
17
2A1 to 2A4
Data Inputs
18, 16, 14,
12
1Y1 to 1Y4
Data Outputs
19
2G
Output Enabel Input
10
GND
Ground (0V)
20
VCC
Positive Supply Voltage
HC244
HC241
HC240
M54/M74HC240/241/244
2/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com