Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3514-SW Datasheet (PDF) - CBC Group. CBC AMERICA LLC.

M3514-SW Datasheet PDF - CBC Group. CBC AMERICA LLC.
Part # M3514-SW
Download  M3514-SW Download
File Size   98.57 Kbytes
Page   1 Pages
Manufacturer  COMPUTAR [CBC Group. CBC AMERICA LLC.]
Direct Link  https://www.computar.com/
Logo COMPUTAR - CBC Group. CBC AMERICA LLC.
Description f=35mm F1.4 for 2/3 type SWIR (800nm~1700nm) Cameras C-Mount

M3514-SW Datasheet (PDF)

Go To PDF Page Download Datasheet
M3514-SW Datasheet PDF - CBC Group. CBC AMERICA LLC.

Part # M3514-SW
Download  M3514-SW Click to download

File Size   98.57 Kbytes
Page   1 Pages
Manufacturer  COMPUTAR [CBC Group. CBC AMERICA LLC.]
Direct Link  https://www.computar.com/
Logo COMPUTAR - CBC Group. CBC AMERICA LLC.
Description f=35mm F1.4 for 2/3 type SWIR (800nm~1700nm) Cameras C-Mount

M3514-SW Datasheet (HTML) - CBC Group. CBC AMERICA LLC.




Similar Part No. - M3514-SW

ManufacturerPart #DatasheetDescription
logo
CBC Group. CBC AMERICA ...
M3514-MP COMPUTAR-M3514-MP Datasheet
374Kb / 1P
f=35mm F1.4 for 2 / 3 type Megapixel Cameras C-Mount
2008.05
M3514-VSW COMPUTAR-M3514-VSW Datasheet
13Mb / 2P
Compatible with the latest InGaAs sensor cameras
01/24
M3514-VSW COMPUTAR-M3514-VSW Datasheet
13Mb / 2P
Compatible with the latest InGaAs sensor cameras
01/24
More results


Similar Description - M3514-SW

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX082AL SONY-ICX082AL Datasheet
232Kb / 16P
Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA Black-and-White Video Cameras
ICX083AL SONY-ICX083AL Datasheet
233Kb / 16P
Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR Black-and-White Video Cameras
ICX422AL SONY-ICX422AL Datasheet
161Kb / 16P
Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA B/W Video Cameras
ICX423AL SONY-ICX423AL Datasheet
161Kb / 16P
Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX285AQ SONY-ICX285AQ Datasheet
219Kb / 23P
Diagonal 11mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX282AQ SONY-ICX282AQ Datasheet
529Kb / 48P
Diagonal 11mm (Type 2/3) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX282AK SONY-ICX282AK Datasheet
507Kb / 48P
Diagonal 11mm (Type 2/3) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
logo
Actel Corporation
8635-313-0-00 ACTEL-8635-313-0-00 Datasheet
319Kb / 1P
Z-LOK BGA SURFACE MOUNT SOCKET 35MM, 313LD, 1.27 C/C
logo
Cooper Bussmann, Inc.
15188-3-R-S COOPER-15188-3-R-S Datasheet
130Kb / 1P
Disconnect terminal blocks for 35mm DIN rail mount.
logo
CT Micro International ...
HIRP1608XC09-H5 CTMICRO-HIRP1608XC09-H5 Datasheet
818Kb / 9P
SMD Type 800nm Infrared Emitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com