Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3514-SW Datasheet(PDF) 1 Page - CBC Group. CBC AMERICA LLC.

Part # M3514-SW
Description  f=35mm F1.4 for 2/3 type SWIR (800nm~1700nm) Cameras C-Mount
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMPUTAR [CBC Group. CBC AMERICA LLC.]
Direct Link  https://www.computar.com/
Logo COMPUTAR - CBC Group. CBC AMERICA LLC.

M3514-SW Datasheet(HTML) 1 Page - CBC Group. CBC AMERICA LLC.

  M3514-SW Datasheet HTML 1Page - CBC Group. CBC AMERICA LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
M3514-SW
f=35mm F1.4
for 2/3 type SWIR (800nm~1700nm) Cameras
C-Mount
Model No.
M3514-SW
Effective
φ24mm
Focal Length
35mm
Lens Aperture
φ12mm
Max. Aperture Ratio
1:1.4
Distortion
-0.1% (y=5.5)
Max. Image Circle
φ12.3mm
0% (y=4.0)
Operation Range
Iris
F1.4 ‐ F16C
Back Focal Length
14.6mm
Focus
0.3m ‐ Inf.
Flange Back Length
17.526mm
Control
Iris
Manual
Mount
C-Mount
Focus
Manual
Filter Size
M30.5 P=0.5mm
Object Dimension
2/3 type
8.0cm x 6.0cm
Dimensions
at M.O.D
1/2 type
5.8cm x 4.4cm
Weight
87g
Angle of View
D
2/3 type
1/2 type
H
H8.80mm x V6.60mm
H6.40mm x V4.80mm
V
Angle of View
D
640 x 512
320 x 256
320 x 256
( InGaAs Detector)
H
(Pixel Pitch : 15μm)
(Pixel Pitch : 25μm)
(Pixel Pitch : 20μm)
V
H9.60mm x V7.68mm
H8.00mm x V6.40mm
H6.40mm x V5.12mm
Operating Temperature
Dimensions
-10℃ ‐ +50℃
φ33.5mm x 38.2mm
M.O.D : Minimum Object Distance
Front
Rear
2/3type
1/2type
18.4°
14.7°
11.1°
20.5°
16.0°
12.9°
13.4°
10.7°
8.1°
17.1°
13.4°
10.7°
13.7°
10.7°
8.6°
M30.5 P=0.5
(IN AIR )
3.3
9.3
4
17.526
7.4
38.2
12
(6.2)
1-32UNF
Index Ring
Iris Ring
Focus Ring
Specification is subject to change without any notice.
2015.02


Similar Part No. - M3514-SW

ManufacturerPart #DatasheetDescription
logo
CBC Group. CBC AMERICA ...
M3514-MP COMPUTAR-M3514-MP Datasheet
374Kb / 1P
f=35mm F1.4 for 2 / 3 type Megapixel Cameras C-Mount
2008.05
M3514-VSW COMPUTAR-M3514-VSW Datasheet
13Mb / 2P
Compatible with the latest InGaAs sensor cameras
01/24
M3514-VSW COMPUTAR-M3514-VSW Datasheet
13Mb / 2P
Compatible with the latest InGaAs sensor cameras
01/24
More results

Similar Description - M3514-SW

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX082AL SONY-ICX082AL Datasheet
232Kb / 16P
Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA Black-and-White Video Cameras
ICX083AL SONY-ICX083AL Datasheet
233Kb / 16P
Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR Black-and-White Video Cameras
ICX422AL SONY-ICX422AL Datasheet
161Kb / 16P
Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA B/W Video Cameras
ICX423AL SONY-ICX423AL Datasheet
161Kb / 16P
Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX285AQ SONY-ICX285AQ Datasheet
219Kb / 23P
Diagonal 11mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX282AQ SONY-ICX282AQ Datasheet
529Kb / 48P
Diagonal 11mm (Type 2/3) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX282AK SONY-ICX282AK Datasheet
507Kb / 48P
Diagonal 11mm (Type 2/3) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
logo
Actel Corporation
8635-313-0-00 ACTEL-8635-313-0-00 Datasheet
319Kb / 1P
Z-LOK BGA SURFACE MOUNT SOCKET 35MM, 313LD, 1.27 C/C
logo
Cooper Bussmann, Inc.
15188-3-R-S COOPER-15188-3-R-S Datasheet
130Kb / 1P
Disconnect terminal blocks for 35mm DIN rail mount.
logo
CT Micro International ...
HIRP1608XC09-H5 CTMICRO-HIRP1608XC09-H5 Datasheet
818Kb / 9P
SMD Type 800nm Infrared Emitter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com