Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V29C31004T Datasheet (PDF) - Mosel Vitelic, Corp

V29C31004T Datasheet PDF - Mosel Vitelic, Corp
Part # V29C31004T
Download  V29C31004T Download
File Size   68.26 Kbytes
Page   15 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 4 MEGABIT 524,288 x 8 BIT 3.3 VOLT CMOS FLASH MEMORY

V29C31004T Datasheet (PDF)

Go To PDF Page Download Datasheet
V29C31004T Datasheet PDF - Mosel Vitelic, Corp

Part # V29C31004T
Download  V29C31004T Click to download

File Size   68.26 Kbytes
Page   15 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 4 MEGABIT 524,288 x 8 BIT 3.3 VOLT CMOS FLASH MEMORY

V29C31004T Datasheet (HTML) - Mosel Vitelic, Corp


V29C31004T Product details

Description
The V29C31004T/V29C31004B is a high speed 524,288 x 8 bit CMOS flash memory. Writing or erasing the device is done with a single 3.3 Volt power supply. The device has separate chip enable CE, write enable WE, and output enable OE controls to eliminate bus contention.

Features
■ 512Kx8-bit Organization
■ Address Access Time: 90, 120 ns
■ Single 3.3V ± 0.3 Power Supply
■ Sector Erase Mode Operation
■ 16KB Boot Block (lockable)
■ 1K bytes per Sector, 512 Sectors
   – Sector-Erase Cycle Time: 10ms (Max)
   – Byte-Write Cycle Time: 60µs (Max)
■ Minimum 10,000 Erase-Program Cycles
■ Low power dissipation
   – Active Read Current: 16mA (Typ)
   – Active Program Current: 30mA (Typ)
   – Standby Current: 50µA (Max)
■ Hardware Data Protection
■ Low VCC Program Inhibit Below 2.5V
■ Self-timed write/erase operations with
   end-of-cycle detection
   – DATA Polling
   – Toggle Bit
■ CMOS and TTL Interface
■ Available in two versions
   – V29C31004T (Top Boot Block)
   – V29C31004B (Bottom Boot Block)
■ Packages:
   – 32-pin TSOP-I
   – 32-pin PLCC




Similar Part No. - V29C31004T

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29C31001B-45J MOSEL-V29C31001B-45J Datasheet
74Kb / 16P
1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C31001B-45P MOSEL-V29C31001B-45P Datasheet
74Kb / 16P
1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C31001B-45T MOSEL-V29C31001B-45T Datasheet
74Kb / 16P
1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C31001B-70J MOSEL-V29C31001B-70J Datasheet
74Kb / 16P
1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C31001B-70P MOSEL-V29C31001B-70P Datasheet
74Kb / 16P
1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
More results


Similar Description - V29C31004T

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29C51002T MOSEL-V29C51002T Datasheet
74Kb / 16P
2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51004T MOSEL-V29C51004T Datasheet
67Kb / 15P
4 MEGABIT 524,288 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51400T MOSEL-V29C51400T Datasheet
69Kb / 16P
4 MEGABIT 262,144 x 16 BIT/524,288 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29LC51001 MOSEL-V29LC51001 Datasheet
52Kb / 12P
1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29LC51002 MOSEL-V29LC51002 Datasheet
52Kb / 12P
2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
Advanced Micro Devices
AM29F040 AMD-AM29F040 Datasheet
446Kb / 33P
4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
AM29F400AT AMD-AM29F400AT Datasheet
136Kb / 35P
4 Megabit (524,288 x 8-Bit/262,144 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
AM29LV800T AMD-AM29LV800T Datasheet
207Kb / 48P
8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
logo
List of Unclassifed Man...
S29C51004B ETC1-S29C51004B Datasheet
3Mb / 16P
4 MEGABIT (524,288 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
logo
Advanced Micro Devices
AM29F800T AMD-AM29F800T Datasheet
250Kb / 41P
8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com