Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V29LC51002 Datasheet (PDF) - Mosel Vitelic, Corp

V29LC51002 Datasheet PDF - Mosel Vitelic, Corp
Part # V29LC51002
Download  V29LC51002 Download
File Size   52.83 Kbytes
Page   12 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY

V29LC51002 Datasheet (PDF)

Go To PDF Page Download Datasheet
V29LC51002 Datasheet PDF - Mosel Vitelic, Corp

Part # V29LC51002
Download  V29LC51002 Click to download

File Size   52.83 Kbytes
Page   12 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY

V29LC51002 Datasheet (HTML) - Mosel Vitelic, Corp


V29LC51002 Product details

Description

The V29LC51002 is a high speed 262,144 x 8 bit CMOS flash memory. Writing or erasing the device is done with a single 5 Volt power supply. The device has separate chip enable CE, write enable WE, and output enable OE controls to eliminate bus contention.

The V29LC51002 features a sector erase operation which allows each sector to be erased and reprogrammed without affecting data stored in other sectors. The device also supports full chip erase.



Features

■ 256Kx8-bit Organization

■ Address Access Time: 90 ns

■ Single 5V ± 10% Power Supply

■ Sector Erase Mode Operation

■ 512 bytes per Sector, 512 Sectors

   – Sector-Erase Cycle Time: 10ms (Max)

   – Byte-Write Cycle Time: 30µs (Max)

■ Minimum 1,000 Erase-Program Cycles

■ Low power dissipation

   – Active Read Current: 20mA (Typ)

   – Active Program Current: 30mA (Typ)

   – Standby Current: 100µA (Max)

■ Low VCC Program Inhibit Below 3.5V

■ CMOS and TTL Interface

■ Packages:

   – 32-pin Plastic DIP

   – 32-pin PLCC



 




Similar Part No. - V29LC51002

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29LC51000 MOSEL-V29LC51000 Datasheet
52Kb / 12P
512 KILOBIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29LC51001 MOSEL-V29LC51001 Datasheet
52Kb / 12P
1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
More results


Similar Description - V29LC51002

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29C51001T MOSEL-V29C51001T Datasheet
74Kb / 16P
1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51002T MOSEL-V29C51002T Datasheet
74Kb / 16P
2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51004T MOSEL-V29C51004T Datasheet
67Kb / 15P
4 MEGABIT 524,288 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51400T MOSEL-V29C51400T Datasheet
69Kb / 16P
4 MEGABIT 262,144 x 16 BIT/524,288 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29LC51001 MOSEL-V29LC51001 Datasheet
52Kb / 12P
1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
ATMEL Corporation
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F002T ATMEL-AT49F002T Datasheet
119Kb / 12P
2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
logo
List of Unclassifed Man...
S29C51001T ETC1-S29C51001T Datasheet
7Mb / 16P
1 MEGABIT (131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
S29C51004B ETC1-S29C51004B Datasheet
3Mb / 16P
4 MEGABIT (524,288 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com