Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V29LC51000 Datasheet (PDF) - Mosel Vitelic, Corp

V29LC51000 Datasheet PDF - Mosel Vitelic, Corp
Part # V29LC51000
Download  V29LC51000 Download
File Size   52.82 Kbytes
Page   12 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 512 KILOBIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY

V29LC51000 Datasheet (PDF)

Go To PDF Page Download Datasheet
V29LC51000 Datasheet PDF - Mosel Vitelic, Corp

Part # V29LC51000
Download  V29LC51000 Click to download

File Size   52.82 Kbytes
Page   12 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 512 KILOBIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY

V29LC51000 Datasheet (HTML) - Mosel Vitelic, Corp


V29LC51000 Product details

Description
The V29LC51000 is a high speed 65,536 x 8 bit CMOS flash memory. Programming or erasing the device is done with a single 5 Volt power supply. The device has separate chip enable CE, program enable WE, and output enable OE controls to eliminate bus contention.
The V29LC51000 features a sector erase operation which allows each sector to be erased and reprogrammed without affecting data stored in other sectors. The device also supports full chip erase.

Features
■ 64Kx8-bit Organization
■ Address Access Time: 90 ns
■ Single 5V ± 10% Power Supply
■ Sector Erase Mode Operation
■ 512 bytes per Sector, 128 Sectors
   – Sector-Erase Cycle Time: 10ms (Max)
   – Byte-Program Cycle Time: 30µs (Max)
■ Minimum 1,000 Erase-Program Cycles
■ Low power dissipation
   – Active Read Current: 20mA (Typ)
   – Active Program Current: 30mA (Typ)
   – Standby Current: 100µA (Max)
■ Low VCC Program Inhibit Below 3.2V
■ Self-timed program/erase operations
■ CMOS and TTL Interface
■ Packages:
   – 32-pin Plastic DIP
   – 32-pin PLCC




Similar Part No. - V29LC51000

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29LC51001 MOSEL-V29LC51001 Datasheet
52Kb / 12P
1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29LC51002 MOSEL-V29LC51002 Datasheet
52Kb / 12P
2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY
More results


Similar Description - V29LC51000

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29C51000T MOSEL-V29C51000T Datasheet
75Kb / 16P
512K BIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51002T MOSEL-V29C51002T Datasheet
74Kb / 16P
2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29LC51002 MOSEL-V29LC51002 Datasheet
52Kb / 12P
2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
Advanced Micro Devices
AM28F256 AMD-AM28F256 Datasheet
493Kb / 35P
256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F512 AMD-AM28F512 Datasheet
484Kb / 35P
512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F512A AMD-AM28F512A Datasheet
463Kb / 34P
512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
logo
List of Unclassifed Man...
F29C51001 ETC1-F29C51001 Datasheet
143Kb / 16P
1MEGABIT(131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
logo
ATMEL Corporation
AT25F512B ATMEL-AT25F512B Datasheet
864Kb / 34P
512-Kilobit 2.7-volt Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT25BCM512B ETC2-AT25BCM512B Datasheet
701Kb / 33P
512-Kilobit 2.7-Volt Minimum SPI Serial Flash Memory
AT25BCM512B ETC2-AT25BCM512B_12 Datasheet
696Kb / 34P
512-Kilobit 2.7-volt Minimum SPI Serial Flash Memory
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com