Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25F512B Datasheet (PDF) - ATMEL Corporation

AT25F512B Datasheet PDF - ATMEL Corporation
Part # AT25F512B
Download  AT25F512B Download
File Size   864.52 Kbytes
Page   34 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 512-Kilobit 2.7-volt Minimum SPI Serial Flash Memory

AT25F512B Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25F512B Datasheet PDF - ATMEL Corporation

Part # AT25F512B
Download  AT25F512B Click to download

File Size   864.52 Kbytes
Page   34 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 512-Kilobit 2.7-volt Minimum SPI Serial Flash Memory

AT25F512B Datasheet (HTML) - ATMEL Corporation


AT25F512B Product details

Description

The AT25F512B is a serial interface Flash memory device designed for use in a wide variety of high-volume consumer based applications in which program code is shad owed from Flash memory into embedded or external RAM for execution. The flexible erase architecture of the AT25F512B, with its erase granularity as small as 4 Kbytes, makes it ideal for data storage as well, eliminating the need for additional data storage EEPROM devices.



Features

• Single 2.7V - 3.6V Supply

• Serial Peripheral Interface (SPI) Compatible

– Supports SPI Modes 0 and 3

• 70 MHz Maximum Operating Frequency

– Clock-to-Output (tV) of 6 ns Maximum

• Flexible, Optimized Erase Architecture for Code + Data Storage Applications

– Uniform 4-Kbyte Block Erase

– Uniform 32-Kbyte Block Erase

– Full Chip Erase

• Hardware Controlled Locking of Protected Sectors via WPPin

• 128-Byte Programmable OTP Security Register

• Flexible Programming

– Byte/Page Program (1 to 256 Bytes)

• Fast Program and Erase Times

– 2.5 ms Typical Page Program (256 Bytes) Time

– 100 ms Typical 4-Kbyte Block Erase Time

– 500 ms Typical 32-Kbyte Block Erase Time

• Automatic Checking and Reporting of Erase/Program Failures

• JEDEC Standard Manufacturer and Device ID Read Methodology

• Low Power Dissipation

– 6 mA Active Read Current (Typical at 20 MHz)

– 5 µA Deep Power-Down Current (Typical)

• Endurance: 100,000 Program/Erase Cycles

• Data Retention: 20 Years

• Complies with Full Industrial Temperature Range

• Industry Standard Green (Pb/Halide-free/RoHS Compliant) Package Options

– 8-lead SOIC (150-mil Wide)

– 8-pad Ultra Thin DFN (2 x 3 x 0.6 mm)




Similar Part No. - AT25F512B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25F512B-MAH-T ETC2-AT25F512B-MAH-T Datasheet
762Kb / 34P
512-Kbit 2.7V Minimum SPI Serial Falsh Memory
AT25F512B-SSH-B ETC2-AT25F512B-SSH-B Datasheet
762Kb / 34P
512-Kbit 2.7V Minimum SPI Serial Falsh Memory
AT25F512B-SSH-T ETC2-AT25F512B-SSH-T Datasheet
762Kb / 34P
512-Kbit 2.7V Minimum SPI Serial Falsh Memory
AT25F512B ETC2-AT25F512B_12 Datasheet
762Kb / 34P
512-Kbit 2.7V Minimum SPI Serial Falsh Memory
More results


Similar Description - AT25F512B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF021 ATMEL-AT25DF021 Datasheet
347Kb / 16P
2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
AT25DF041A ATMEL-AT25DF041A_08 Datasheet
868Kb / 41P
4-megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
AT25DF321A ATMEL-AT25DF321A Datasheet
1Mb / 58P
32-Megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF641 ATMEL-AT25DF641 Datasheet
1Mb / 59P
64-Megabit 2.7-volt Minimum SPI Serial Flash Memory
AT26DF081A ATMEL-AT26DF081A_09 Datasheet
850Kb / 40P
8-megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF321 ATMEL-AT25DF321_09 Datasheet
842Kb / 37P
32-megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF021 ATMEL-AT25DF021_09 Datasheet
972Kb / 41P
2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
AT25DF161 ATMEL-AT25DF161 Datasheet
1Mb / 60P
16-Megabit 2.7-volt Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT25BCM512B ETC2-AT25BCM512B Datasheet
701Kb / 33P
512-Kilobit 2.7-Volt Minimum SPI Serial Flash Memory
AT25BCM512B ETC2-AT25BCM512B_12 Datasheet
696Kb / 34P
512-Kilobit 2.7-volt Minimum SPI Serial Flash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com