Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF161 Datasheet (PDF) - ATMEL Corporation

AT25DF161 Datasheet PDF - ATMEL Corporation
Part # AT25DF161
Download  AT25DF161 Download
File Size   1349.86 Kbytes
Page   60 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 16-Megabit 2.7-volt Minimum SPI Serial Flash Memory

AT25DF161 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25DF161 Datasheet PDF - ATMEL Corporation

Part # AT25DF161
Download  AT25DF161 Click to download

File Size   1349.86 Kbytes
Page   60 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 16-Megabit 2.7-volt Minimum SPI Serial Flash Memory

AT25DF161 Datasheet (HTML) - ATMEL Corporation


AT25DF161 Product details

Description

The AT25DF161 is a serial interface Flash memory device designed for use in a wide variety of high-volume consumer based applications in which program code is shad owed from Flash memory into embedded or external RAM for execution.



Features

• Single 2.7V - 3.6V Supply

• Serial Peripheral Interface (SPI) Compatible

– Supports SPI Modes 0 and 3

– Supports RapidS Operation

– Supports Dual-Input Program and Dual-Output Read

• Very High Operating Frequencies

– 100 MHz for RapidS

– 85 MHz for SPI

– Clock-to-Output (tV) of 5 ns Maximum

• Flexible, Optimized Erase Architecture for Code + Data Storage Applications

– Uniform 4-Kbyte Block Erase

– Uniform 32-Kbyte Block Erase

– Uniform 64-Kbyte Block Erase

– Full Chip Erase

• Individual Sector Protection withGlobal Protect/Unprotect Feature

– 32 Sectors of 64-Kbytes Each

• Hardware Controlled Locking of Protected Sectors via WPPin

• Sector Lockdown

– Make Any Combination of 64-Kbyte Sectors Permanently Read-Only

• 128-Byte Programmable OTP Security Register

• Flexible Programming

– Byte/Page Program (1 to 256 Bytes)

• Fast Program and Erase Times

– 1.0 ms Typical Page Program (256 Bytes) Time

– 50 ms Typical 4-Kbyte Block Erase Time

– 250 ms Typical 32-Kbyte Block Erase Time

– 400 ms Typical 64-Kbyte Block Erase Time

• Program and Erase Suspend/Resume

• Automatic Checking and Reporting of Erase/Program Failures

• Software Controlled Reset

• JEDEC Standard Manufacturer and Device ID Read Methodology

• Low Power Dissipation

– 5 mA Active Read Current (Typical at 20 MHz)

– 5 µA Deep Power-Down Current (Typical)

• Endurance: 100,000 Program/Erase Cycles

• Data Retention: 20 Years

• Complies with Full Industrial Temperature Range

• Industry Standard Green (Pb/Halide-free/RoHS Compliant) Package Options

– 8-lead SOIC (150-mil and 208-mil wide)

– 8-pad Ultra Thin DFN (5 x 6 x 0.6 mm)



 




Similar Part No. - AT25DF161

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25DF161-MH-T ETC2-AT25DF161-MH-T Datasheet
3Mb / 52P
Minimum SPI Serial Flash Memory
AT25DF161-MH-Y ETC2-AT25DF161-MH-Y Datasheet
3Mb / 52P
Minimum SPI Serial Flash Memory
AT25DF161-MHF-T ETC2-AT25DF161-MHF-T Datasheet
3Mb / 52P
Minimum SPI Serial Flash Memory
AT25DF161-MHF-Y ETC2-AT25DF161-MHF-Y Datasheet
3Mb / 52P
Minimum SPI Serial Flash Memory
logo
ATMEL Corporation
AT25DF161-SH ATMEL-AT25DF161-SH Datasheet
348Kb / 15P
One mechanical button switch Three LEDs Four expansion headers
More results


Similar Description - AT25DF161

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF021 ATMEL-AT25DF021 Datasheet
347Kb / 16P
2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
AT25DF041A ATMEL-AT25DF041A_08 Datasheet
868Kb / 41P
4-megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
AT25DF081 ATMEL-AT25DF081 Datasheet
784Kb / 38P
8-megabit 1.65-volt Minimum SPI Serial Flash Memory
AT25DF321A ATMEL-AT25DF321A Datasheet
1Mb / 58P
32-Megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF641 ATMEL-AT25DF641 Datasheet
1Mb / 59P
64-Megabit 2.7-volt Minimum SPI Serial Flash Memory
AT26DF081A ATMEL-AT26DF081A_09 Datasheet
850Kb / 40P
8-megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF321 ATMEL-AT25DF321_09 Datasheet
842Kb / 37P
32-megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF021 ATMEL-AT25DF021_09 Datasheet
972Kb / 41P
2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT25BCM512B ETC2-AT25BCM512B Datasheet
701Kb / 33P
512-Kilobit 2.7-Volt Minimum SPI Serial Flash Memory
AT25BCM512B ETC2-AT25BCM512B_12 Datasheet
696Kb / 34P
512-Kilobit 2.7-volt Minimum SPI Serial Flash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com