Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF081 Datasheet (PDF) - ATMEL Corporation

AT25DF081 Datasheet PDF - ATMEL Corporation
Part # AT25DF081
Download  AT25DF081 Download
File Size   784.05 Kbytes
Page   38 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-megabit 1.65-volt Minimum SPI Serial Flash Memory

AT25DF081 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25DF081 Datasheet PDF - ATMEL Corporation

Part # AT25DF081
Download  AT25DF081 Click to download

File Size   784.05 Kbytes
Page   38 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-megabit 1.65-volt Minimum SPI Serial Flash Memory

AT25DF081 Datasheet (HTML) - ATMEL Corporation


AT25DF081 Product details

Description

The AT25DF081 is a serial interface Flash memory device designed for use in a wide variety of high-volume consumer based applications in which program code is shad owed from Flash memory into embedded or external RAM for execution. The flexible erase architecture of the AT25DF081, with its erase granularity as small as 4-Kbytes, makes it ideal for data storage as well, eliminating the need for additional data storage EEPROM devices.



Features

• Single 1.65V - 1.95V Supply

• Serial Peripheral Interface (SPI) Compatible

– Supports SPI Modes 0 and 3

• 66 MHz Maximum Clock Frequency

• Flexible, Uniform Erase Architecture

– 4-Kbyte Blocks

– 32-Kbyte Blocks

– 64-Kbyte Blocks

– Full Chip Erase

• Individual Sector Protection withGlobal Protect/Unprotect Feature

– Sixteen 64-Kbyte Physical Sectors

• Hardware Controlled Locking of Protected Sectors

• Flexible Programming

– Byte/Page Program (1 to 256 Bytes)

• Automatic Checking and Reporting of Erase/Program Failures

• JEDEC Standard Manufacturer and Device ID Read Methodology

• Low Power Dissipation

– 7 mA Active Read Current (Typical)

– 8 µA Deep Power-Down Current (Typical)

• Endurance: 100,000 Program/Erase Cycles

• Data Retention: 20 Years

• Complies with Full Industrial Temperature Range

• Industry Standard Green (Pb/Halide-free/RoHS Compliant) Package Options

– 8-lead SOIC (150-mil wide)

– 8-contact Ultra Thin DFN (5 mm x 6 mm x 0.6 mm)

– 11-ball dBGA (WLCSP)



 




Similar Part No. - AT25DF081

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25DF081-MHN-T ETC2-AT25DF081-MHN-T Datasheet
967Kb / 38P
Minimum SPI Serial Flash Memory
AT25DF081-MHN-Y ETC2-AT25DF081-MHN-Y Datasheet
967Kb / 38P
Minimum SPI Serial Flash Memory
logo
ATMEL Corporation
AT25DF081-SSH ATMEL-AT25DF081-SSH Datasheet
348Kb / 15P
One mechanical button switch Three LEDs Four expansion headers
AT25DF081-SSH ATMEL-AT25DF081-SSH Datasheet
373Kb / 13P
32-bit Microcontrollers
AT25DF081-SSH ATMEL-AT25DF081-SSH Datasheet
453Kb / 19P
8-bit Atmel Microcontrollers
More results


Similar Description - AT25DF081

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF021 ATMEL-AT25DF021 Datasheet
347Kb / 16P
2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
AT25DF041A ATMEL-AT25DF041A_08 Datasheet
868Kb / 41P
4-megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
AT25DF321A ATMEL-AT25DF321A Datasheet
1Mb / 58P
32-Megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF641 ATMEL-AT25DF641 Datasheet
1Mb / 59P
64-Megabit 2.7-volt Minimum SPI Serial Flash Memory
AT26DF081A ATMEL-AT26DF081A_09 Datasheet
850Kb / 40P
8-megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF041A ATMEL-AT25DF041A_09 Datasheet
869Kb / 41P
4-megabit 2.3-volt or 2.7volt Minimum SPI Serial Flash Memory
AT25DF321 ATMEL-AT25DF321_09 Datasheet
842Kb / 37P
32-megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF021 ATMEL-AT25DF021_09 Datasheet
972Kb / 41P
2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
AT25DF161 ATMEL-AT25DF161 Datasheet
1Mb / 60P
16-Megabit 2.7-volt Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF041A ETC2-AT25DF041A_13 Datasheet
746Kb / 42P
Minimum SPI Serial Flash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com